Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NND15-1212 Datasheet(PDF) 1 Page - TDK Electronics

Part # NND15-1212
Description  High Reliability 15 to 90W Linear Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NND15-1212 Datasheet(HTML) 1 Page - TDK Electronics

  NND15-1212 Datasheet HTML 1Page - TDK Electronics NND15-1212 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
81
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
NN Series
Features
u Single and Dual Outputs
u Excellent Line & Load Regulation
u Remote Programming and Current Share (NNS)
u Front Panel Voltage Taps
u Thermal Protection
u Five Year Warranty
u Low Output Ripple
u Fully Featured
u Operation from -20 to +71°C Ambient
High Reliability 15 to 90W Linear Power Supplies
Model
NNS15
NNS30
NNS50
NND15
NND30
AC Input
VAC
85~115, 98~132, 170~230, 195~265VAC (Front panel selectable)
Input Frequency
Hz
47~440Hz
EMI
-
FCC Class B, VDE0871 Level B
Output Adjustment
-
±10%
Remote Sense
-
Yes
Yes
Yes
None
Remote Programming
-
1000 Ohm/Volt
None
Parallel Operation
-
Via PC Terminal
None
Output Indicator
-
LED = On
Line Regulation
%
0.01%
Load Regulation
%
0.03%
Cross Regulation
%
Not applicable
0.03%
Ripple and Noise
mV
1mV rms, 3mV peak to peak
Overcurrent Protection
%
105 to 130%
Overvoltage Protection
VDC
5V: 6 ~ 7.2V, 12V: 14.5 ~ 17.2V, 15V: 18.1 ~ 21.5V, 24V: 29 ~ 34.3V
Cooling
-
Convection
Operating Temp. Range
°C
-20°C: 60%, 0 to 50°C: 100%, 60°C: 60%, 71°C: 40%
Storage Temperature
°C
-40 to +85°C
Temperature coefficient
%
±0.02% per °C
Humidity (non condensing)
%RH
Operating: 20 - 95% RH, Non operating: 10 - 95% RH
Vibration
-
10-55Hz Amplitude (sweep for 1 min), <2G X, Y, Z 1 hour each
Shock (in package)
-
<20G
Safety Agency Approval
-
UL60950-1, CSA60950-1, EN60950-1, CE Mark
Withstand Voltage
-
Input to Output: 3.75kVAC, Input to Chassis: 2.5kVAC for 1 minute
Isolation Resistance
-
>100M at 500VDC @ 25C & 70%RH for 1 minute
Weight
g
1750
2930
4200
1750
2750
Size WxHxD
mm
60x124x124
80x124x178
97x113x200
60x113.5x150
80x113.5x164
Warranty
yrs
Five years
Specifications
Note: See Installation Manual for full details, test methods of parameters and application notes
Key Market Segments & Applications


Similar Part No. - NND15-1212

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NND15-1212 TDK-NND15-1212 Datasheet
152Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - NND15-1212

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NNS155 TDK-NNS155 Datasheet
551Kb / 2P
   High Reliability 15 to 90W Linear Power Supplies
logo
Mean Well Enterprises C...
GST90A MEANWELL-GST90A Datasheet
92Kb / 3P
   90W AC-DC High Reliability Industrial Adaptor
logo
Total Power Internation...
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
logo
Power-One
OVP-12 POWER-ONE-OVP-12 Datasheet
830Kb / 9P
   Linear Power Supplies
logo
List of Unclassifed Man...
STK3082III ETC-STK3082III Datasheet
79Kb / 2P
   2-Channel Voltage Amplifier for 80 to 90W power Amplifier (Dual Supplies)
STK3152III ETC-STK3152III Datasheet
77Kb / 2P
   2-Channel Voltage Amplifier for 80 to 90W power Amplifier (Dual Supplies)
logo
TDK Electronics
ZWS50-150BAF TDK-ZWS50-150BAF Datasheet
351Kb / 2P
   Single Output, High Reliability AC-DC Power Supplies
logo
MicroPower Direct, LLC
LDC-80 MPD-LDC-80 Datasheet
1Mb / 4P
   90W Output Power
logo
Sparkle Power Inc.
FSP015-DYAA1 SPI-FSP015-DYAA1 Datasheet
64Kb / 1P
   15 Watts Power Adapter High efficiency and reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com