Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL453232T-331J-PF Datasheet(PDF) 10 Page - TDK Electronics

Part # NL453232T-331J-PF
Description  Inductors for Standard Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NL453232T-331J-PF Datasheet(HTML) 10 Page - TDK Electronics

Back Button NL453232T-331J-PF Datasheet HTML 5Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 6Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 7Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 8Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 9Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 10Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 11Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 12Page - TDK Electronics NL453232T-331J-PF Datasheet HTML 13Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
(9/12)
INDUC
T
O
RS
001-01 / 20130516 / e511_nl.fm
• All specifications are subject to change without notice.
NL series 
NL565050 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(MHz)
min.
DC resistance
(
Ω )
max.
Rated current
(mA)
max.
Part No.
(mH)
tolerance
1.2
±5%
30
0.252
1.5
17
75
NL565050T-122J-PF
1.5
±5%
30
0.252
1.4
20
70
NL565050T-152J-PF
1.8
±5%
30
0.252
1.3
30
60
NL565050T-182J-PF
2.2
±5%
30
0.252
1.2
35
55
NL565050T-222J-PF
2.7
±5%
30
0.252
1.1
55
45
NL565050T-272J-PF
3.3
±5%
30
0.252
1
60
40
NL565050T-332J-PF
3.9
±5%
30
0.252
1
70
38
NL565050T-392J-PF
4.7
±5%
30
0.252
0.9
78
36
NL565050T-472J-PF
5.6
±5%
30
0.252
0.8
85
33
NL565050T-562J-PF
6.8
±5%
30
0.252
0.7
110
30
NL565050T-682J-PF
8.2
±5%
30
0.252
0.6
125
28
NL565050T-822J-PF
10
±5%
20
0.0796
0.5
150
25
NL565050T-103J-PF
Measurement item
Product No.
Manufacturer
L, Q
4194A
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NL453232T-331J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
1Mb / 13P
   REMINDERS FOR USING THESE PRODUCTS Before using these products, be sure to request the delivery specifications.
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
124Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NL453232T-331J-PF TDK-NL453232T-331J-PF Datasheet
134Kb / 3P
   Inductors (Coils)
More results

Similar Description - NL453232T-331J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com