Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ681Q Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SJ681Q
Description  Relay Drive, DC?묭C Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ681Q Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SJ681Q Datasheet HTML 1Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 2Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 3Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 4Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 5Page - Toshiba Semiconductor 2SJ681Q Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SJ681
2010-03-01
3
ID – VDS
Drain
−source voltage VDS (V)
0
−5
−1
−3
−2
−4
0
−0.4
−2.0
−0.8
−1.2
−1.6
−10
−8
−6
−2.8
−3.5
−4.
VGS = −2.5V
Common source
Tc
= 25°C
Pulse test
ID – VDS
Drain
−source voltage VDS (V)
0
−10
−2
−6
−4
−8
−2
0
−10
−4
−6
−8
−10
−8
−6
−4
−3.5
−3
VGS = −2.5 V
Common source
Tc
= 25°C
Pulse test
ID – VGS
Gate
−source voltage VGS (V)
0
−10
−2
−6
−8
−1
0
−5
−3
−4
100
25
Tc
= −55°C
Common source
VDS = −10 V
Pulse test
VDS – VGS
Gate
−source voltage VGS (V)
0
−2.0
−0.4
−1.2
−0.8
−1.6
−4
0
−20
−8
−12
−16
−5
−2.5
ID = −1.2 A
Common source
Tc
= 25°C
Pulse test
⎪Yfs⎪ − ID
Drain current ID (A)
0.1
100
10
1
−0.1
−100
−1
Common source
VDS = −10 V
Pulse test
Tc
= −55°C
25
100
RDS (ON) − ID
Drain current ID (A)
0
0.4
0.5
0
−2
−10
Common source
Tc
= 25°C
Pulse test
−10
−4
−3
−4
−2
0.3
0.1
0.2
−6
−8
VGS = −10V
−4 V


Similar Part No. - 2SJ681Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681 Datasheet
253Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
2SJ681 TOSHIBA-2SJ681 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
logo
VBsemi Electronics Co.,...
2SJ681 VBSEMI-2SJ681 Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
logo
Fairchild Semiconductor
2SJ6812 FAIRCHILD-2SJ6812 Datasheet
86Kb / 5P
   High Voltage Color Display Horizontal
logo
Toshiba Semiconductor
2SJ681 TOSHIBA-2SJ681_09 Datasheet
160Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U−MOSIII)
More results

Similar Description - 2SJ681Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2662T TOSHIBA-2SK2662T Datasheet
557Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2545T TOSHIBA-2SK2545T Datasheet
439Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
2SK2717F TOSHIBA-2SK2717F Datasheet
494Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SK1544Q TOSHIBA-2SK1544Q Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com