Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N137F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 6N137F
Description  Degital Logic Isolation Tele-Communication Analog Data Equipment Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N137F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  6N137F Datasheet HTML 1Page - Toshiba Semiconductor 6N137F Datasheet HTML 2Page - Toshiba Semiconductor 6N137F Datasheet HTML 3Page - Toshiba Semiconductor 6N137F Datasheet HTML 4Page - Toshiba Semiconductor 6N137F Datasheet HTML 5Page - Toshiba Semiconductor 6N137F Datasheet HTML 6Page - Toshiba Semiconductor 6N137F Datasheet HTML 7Page - Toshiba Semiconductor 6N137F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
6N137
2007-10-01
4
Switching Characteristics (Ta = 25°C, VCC = 5V)
Characteristic
Symbol
Test
Circuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time to high
output level
tpLH
1
RL=350Ω, CL=15pF
IF=7.5mA
60
75
ns
Propagation delay time to
low output level
tpHL
1
RL=350Ω, CL=15pF
IF=7.5mA
60
75
ns
Output rise
−fall time
(10
−90%)
tr, tf
RL=350Ω, CL=15pF
IF=7.5mA
30
ns
Propagation delay time of
enable from VEH to VEL
tELH
2
RL=350Ω, CL=15pF
IF=7.5mA
VEH=3.0V
VEL=0.5V
25
ns
Propagation delay time of
enable from VEL to VEH
tEHL
2
RL=350Ω, CL=15pF
IF=7.5mA
VEH=3.0V
VEL=0.5V
25
ns
Common mode transient
immunity at logic high
output level
CMH
3
VCM=10V
RL=350Ω
VO(min.)=2V
IF=0mA
200
V /
μs
Common mode transient
Immunity at logic low
output level
CML
3
VCM=10V
RL=350Ω
VO(max.)=0.8V
IF=5mA
−500
V /
μs


Similar Part No. - 6N137F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
6N137 TOSHIBA-6N137 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
245Kb / 16P
   High Speed Optocoupler, Single and Dual, 10 MBd
Rev. 2.0, 27-Sep-16
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Vishay Siliconix
6N137 VISHAY-6N137 Datasheet
217Kb / 12P
   High Speed Optocoupler, 10 MBd
Rev. 1.3, 06-Oct-08
More results

Similar Description - 6N137F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137 Datasheet
328Kb / 7P
   IRED & PHOTO IC (DEGITAL LOGIC ISOLATION, TELE-COMMUNICATION, ANALOG DATA EQUIPMENT CONTROL)
TLP2630 TOSHIBA-TLP2630 Datasheet
195Kb / 8P
   Degital Logic Isolation Tele.Communication Analog Data Equipment Control Microprocessor System Interface
TLP2630 TOSHIBA-TLP2630_07 Datasheet
198Kb / 8P
   Analog Data Equipment Control
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
logo
List of Unclassifed Man...
TSA201M ETC-TSA201M Datasheet
341Kb / 1P
   Tele Communication surge absorber
logo
Abracon Corporation
ACML-0603H ABRACON-ACML-0603H Datasheet
787Kb / 2P
   Communication Equipment
02.08.08
logo
Torex Semiconductor
XC2311 TOREX-XC2311 Datasheet
274Kb / 11P
   Communication equipment
logo
Toshiba Semiconductor
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
TLP751 TOSHIBA-TLP751 Datasheet
548Kb / 7P
   Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com