Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B49 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS41B49
Description  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS41B49 Datasheet(HTML) 2 Page - Texas Instruments

  ADS41B49_13 Datasheet HTML 1Page - Texas Instruments ADS41B49_13 Datasheet HTML 2Page - Texas Instruments ADS41B49_13 Datasheet HTML 3Page - Texas Instruments ADS41B49_13 Datasheet HTML 4Page - Texas Instruments ADS41B49_13 Datasheet HTML 5Page - Texas Instruments ADS41B49_13 Datasheet HTML 6Page - Texas Instruments ADS41B49_13 Datasheet HTML 7Page - Texas Instruments ADS41B49_13 Datasheet HTML 8Page - Texas Instruments ADS41B49_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
ADS41B29
ADS41B49
SBAS486E – NOVEMBER 2009 – REVISED JULY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN(2)
FINISH
MARKING
NUMBER
MEDIA
ADS41B29IRGZR
Tape and reel
GREEN (RoHS,
ADS41B29
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ41B29
no Sb/Br)
ADS41B29IRGZT
Tape and reel
ADS41B49IRGZR
Tape and reel
GREEN (RoHS,
ADS41B49
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ41B49
no Sb/Br)
ADS41B49IRGZT
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
ABSOLUTE MAXIMUM RATINGS
(1)
ADS41B29, ADS41B49
MIN
MAX
UNIT
Supply voltage range, AVDD
–0.3
2.1
V
Supply voltage range, AVDD_BUF
–0.3
3.9
V
Supply voltage range, DRVDD
–0.3
2.1
V
Voltage between AGND and DRGND
–0.3
0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
–2.4
2.4
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
–2.4
2.4
V
Voltage between AVDD_BUF to DRVDD/AVDD
–4.2
4.2
V
Minimum
INP, INM
–0.3
V
(1.9, AVDD + 0.3)
Voltage applied to input pins
CLKP, CLKM(2), RESET, SCLK,
–0.3
AVDD + 0.3
V
SDATA, SEN, DFS
Operating free-air temperature range, TA
–40
+85
°C
Operating junction temperature range, TJ
+125
°C
Storage temperature range, Tstg
–65
+150
°C
ESD, human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3V|.
Doing so prevents the ESD protection diodes at the clock input pins from turning on.
2
Copyright © 2009–2012, Texas Instruments Incorporated


Similar Part No. - ADS41B49_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B49IRGZR TI-ADS41B49IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZR TI1-ADS41B49IRGZR Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
ADS41B49IRGZT TI-ADS41B49IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZT TI1-ADS41B49IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Similar Description - ADS41B49_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com