Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS41B29IRGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS41B29IRGZT
Description  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS41B29IRGZT Datasheet(HTML) 5 Page - Texas Instruments

  ADS41B29IRGZT Datasheet HTML 1Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 2Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 3Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 4Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 5Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 6Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
ADS41B29
ADS41B49
www.ti.com
SBAS486E – NOVEMBER 2009 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS: GENERAL
Typical values are at +25°C, AVDD = 1.8V, AVDD_BUF = 3.3V, DRVDD = 1.8V, and 50% clock duty cycle, unless otherwise
noted. Minimum and maximum values are across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V,
AVDD_BUF = 3.3V, and DRVDD = 1.8V.
ADS41B29, ADS41B49
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
1.5
VPP
Differential input resistance, at dc (see Figure 60)
10
k
Ω
Differential input capacitance (see Figure 61)
3.5
pF
Analog input bandwidth
800
MHz
Analog input common-mode current (per input pin)
2
µA
Common-mode output voltage
VCM
1.7
V
VCM output current capability
4
mA
DC ACCURACY
Offset error
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
mV/°C
Gain error as a result of
EGREF
–2
2
%FS
internal reference inaccuracy alone
Gain error of channel alone
EGCHAN
2.5
%FS
POWER SUPPLY
IAVDD
99.5
115
mA
Analog supply current
IAVDD_BUF
29
42
mA
Analog input buffer supply current
IDRVDD(1)
Output buffer supply current
63
mA
LVDS interface with 100
Ω external termination
Low LVDS swing (200mV)
IDRVDD
Output buffer supply current
75
90
mA
LVDS interface with 100
Ω external termination
Standard LVDS swing (350mV)
IDRVDD output buffer supply current(1)(2)
CMOS interface(2)
35
mA
8pF external load capacitance
fIN = 2.5MHz
Global power-down
10
25
mW
Standby
200
mW
(1)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10pF.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright © 2009–2012, Texas Instruments Incorporated
5


Similar Part No. - ADS41B29IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29IRGZT TI-ADS41B29IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZT TI1-ADS41B29IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Similar Description - ADS41B29IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com