Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZHF Datasheet(PDF) 9 Page - Rohm

Part # MCR03EZHF
Description  FIXED THICK FILM CHIP RESISTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZHF Datasheet(HTML) 9 Page - Rohm

Back Button MCR03EZHF Datasheet HTML 5Page - Rohm MCR03EZHF Datasheet HTML 6Page - Rohm MCR03EZHF Datasheet HTML 7Page - Rohm MCR03EZHF Datasheet HTML 8Page - Rohm MCR03EZHF Datasheet HTML 9Page - Rohm MCR03EZHF Datasheet HTML 10Page - Rohm MCR03EZHF Datasheet HTML 11Page - Rohm MCR03EZHF Datasheet HTML 12Page - Rohm MCR03EZHF Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRODUCTS
FIXED THICK FILM CHIP RESISTORS
TYPE
MCR03 Series
PAGE
9/13
Fig.3:TEST BOARD A
(UNIT: mm)
ROHM
MCR03
2.0
2.54
1.32
58.5
2.2
4.0
2.0
5.0
32.0
1.0
8.5
11.5
NOTE) *1
The shaded area shows the solder resist treatment.
*2
The terminals used for connectors are plated with rhodium.
*3
All surface, except terminals used for connectors, receive pre-flux treatment.
Fig.4:TEST BOARD B
3
Tester
R340
Solder
Specimen
10
20
3.0
100
1.0
2.0
NOTE) *1
The shaded area shows the solder resist treatment.
*2
All surface, except terminals used for connectors, receive pre-flux treatment.
*3
During the test, the distance among support points shall be 90mm and the
center of the chip resistor and the center between support points should be
aligned to within ±2mm.
Laminate material: Glass fabric base epoxies.
Compatible with JIS C 6484
Thickness of board:1.6mmt
Copper material:
Copper purity is 99.5% or more.
Compatible with JIS C 6484
Copper foil thickness:35μm
REV.:
110E
SPECIFICATION No.:
MCR03−IA
TSZ22111・04


Similar Part No. - MCR03EZHF

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZHFL9R1 ROHM-MCR03EZHFL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHFL9R1 ROHM-MCR03EZHFL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHFL9R10 ROHM-MCR03EZHFL9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHFL9R10 ROHM-MCR03EZHFL9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHFLR047 ROHM-MCR03EZHFLR047 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR03EZHF

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR18 ROHM-KTR18 Datasheet
105Kb / 7P
   Endured high voltage fixed thick film chip resistors
KTR18 ROHM-KTR18_1 Datasheet
87Kb / 6P
   Endured high voltage fixed thick film chip resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com