Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZHJ823 Datasheet(PDF) 4 Page - Rohm

Part # MCR03EZHJ823
Description  FIXED THICK FILM CHIP RESISTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR03EZHJ823 Datasheet(HTML) 4 Page - Rohm

  MCR03EZHJ823 Datasheet HTML 1Page - Rohm MCR03EZHJ823 Datasheet HTML 2Page - Rohm MCR03EZHJ823 Datasheet HTML 3Page - Rohm MCR03EZHJ823 Datasheet HTML 4Page - Rohm MCR03EZHJ823 Datasheet HTML 5Page - Rohm MCR03EZHJ823 Datasheet HTML 6Page - Rohm MCR03EZHJ823 Datasheet HTML 7Page - Rohm MCR03EZHJ823 Datasheet HTML 8Page - Rohm MCR03EZHJ823 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PRODUCTS
FIXED THICK FILM CHIP RESISTORS
TYPE
MCR03 Series
PAGE
4/13
1.SCOPE
This specification covers the characteristics of “MCR03 series (including jumper type)”based
of thick film chip resistors in ROHM Co., Ltd. products.
2.CLASSIFICATION
MCR03
EZH
J, F
*
□□□(□)
*
TYPE
PACKAGING CODE
TOLERANCE
RESISTANCE
*Jumper is 「J 000」
VALUE (IEC CODE)
TOLERANCE
PACKAGING
CODE
PACKAGE
QUANTITY
F(±1%)
J(±5%)
EZH
180mm(7inch) reel, paper tape (4mm pitch)
5,000pcs/reel
F
J
RESISTANCE VALUE
4digits
F
3digits
J
3.RATING
ITEMS
CONDITIONS
SPECIFICATIONS
For resistors operated at the ambient temperature in
excess of 70℃, the load shall be derated in accordance with Fig.1
Fig.1
RATED
POWER
(%)
-55
0
70
155
Ambient temperature (℃)
0.10W(1/10W)
at 70℃
Rated voltage is determined from the following.
When rated voltage exceeds the limiting element voltage,
the limiting element voltage shall be the rated voltage.
E =
P×R
E: RATED VOLTAGE (V)
RATED
VOLTAGE
P: RATED POWER
(W)
R: RESISTANCE
(Ω)
LIMITING ELEMENT VOLTAGE
50V
RESISTANCE
See Table.1
TEMPERATURE
-
55℃∼+155℃
Jumper type
RESISTANCE
MAX.50mΩ
RATED CURRENT
1A
TEMPERATURE
RANGE
-55℃∼+155℃
Table.1
TOLERANCE
RESISTANCE RANGE
(Ω)
TEMPERATURE
(ppm/℃)
COEFFICIENT
F(±1%)
10≦R<2.2M
(E24,E96)
±200
1.0≦R<2.2
(E24)
500±350
2.2≦R<10
(E24)
±500
J(±5%)
10 ≦R≦10M
(E24)
±200
REV.:
110E
SPECIFICATION No.:MCR03−IA
TSZ22111・04
100
80
60
40
20
0


Similar Part No. - MCR03EZHJ823

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MCR03EZHJ000 IRF-MCR03EZHJ000 Datasheet
242Kb / 6P
   IRDCiP1202-A, 300kHz, Dual 15A, 5.5VIN to 13.2VIN Dual Output Synchronous Buck Converter using iP1202
logo
Rohm
MCR03EZHJL9R1 ROHM-MCR03EZHJL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHJL9R1 ROHM-MCR03EZHJL9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHJL9R10 ROHM-MCR03EZHJL9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR03EZHJL9R10 ROHM-MCR03EZHJL9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR03EZHJ823

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR18 ROHM-KTR18 Datasheet
105Kb / 7P
   Endured high voltage fixed thick film chip resistors
KTR18 ROHM-KTR18_1 Datasheet
87Kb / 6P
   Endured high voltage fixed thick film chip resistors
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com