Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR006 Datasheet(PDF) 1 Page - Rohm

Part # MCR006
Description  Low Ohmic Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR006 Datasheet(HTML) 1 Page - Rohm

  MCR006 Datasheet HTML 1Page - Rohm MCR006 Datasheet HTML 2Page - Rohm MCR006 Datasheet HTML 3Page - Rohm MCR006 Datasheet HTML 4Page - Rohm MCR006 Datasheet HTML 5Page - Rohm MCR006 Datasheet HTML 6Page - Rohm MCR006 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Low Ohmic Thick Film Chip Resistors
MCR Series < General Purpose >
Features
1) Very-low ohmic resistance from 47mis in lineup by thick-film resistive element.
2) ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
3) "Automotive" product is AEC-Q200 compliant.
∗Please contact us for status of AEC-Q200 on "General purpose" products.
Paper tape
(2mm Pitch)
Paper tape
(4mm Pitch)
Embossed tape
(4mm Pitch)
0603
1005
1608
2012
3216
3225
5025
6432
YRT
15,000
10,000
5,000
4,000
MRT
ERT
YZP
MZP
EZP
EZH
EZH
JZH
JZH
JZH
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
Part No.
Packing
Specification
Quantity / Reel
(mm)
Type Code
Size
GENERAL PURPOSE
(inch)
AUTOMOTIVE
∗Corresponds to
AEC
−Q200
0201
0402
0603
0805
1206
1210
2010
2512
Part Number Description
MCR
(Micro chip resistors)
Resistance code, 3 or 4 digits.
Ex.)
0.047
Ω = R047 ( ±1%, ±5% )
9.1
Ω = 9R10 ( ±1% )
9R1 (
±5% )
FL, FS, JS
JL
:
:
4 digits
3 digits
+
Resistance
code
Special P / N
006 (0603 [0201])
01 (1005 [0402])
03 (1608 [0603])
10 (2012 [0805])
18 (3216 [1206])
25 (3225 [1210])
50 (5025 [2010])
100 (6432 [2512])
F (
±1% )
J (
±5% )
Part No.
Size (mm [inch])
Resistance
Tolerance
Nominal Resistance
Type Code
EH
Z
C
MR
L
S
0.1
to 9.1
Ω ( ±1% )
0.1
to 0.91
Ω ( ±5% )
0.047
to 0.091
Ω
Special part code
JR
1
0
L
0
1
Resistance
tolerance


Similar Part No. - MCR006

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR006 ROHM-MCR006 Datasheet
98Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
244Kb / 7P
   Thick Film Chip Resistors
MCR006 ROHM-MCR006 Datasheet
137Kb / 4P
   Compact Film Chip Resistors
More results

Similar Description - MCR006

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com