Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7881IRGZR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7881IRGZR
Description  12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881IRGZR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS7881IRGZR Datasheet HTML 7Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 8Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 9Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 10Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 11Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 12Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 13Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 14Page - Burr-Brown (TI) ADS7881IRGZR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ADS7881
SLAS400B − SEPTEMBER 2003 − REVISED NOVEMBER 2005
www.ti.com
11
Sample N
Conversion N
Data For Conversion N−1
(Data read Without Latency)
CONVST
BUSY
D11−D0
t(conv) + td11
tw4
tw3
t(acq)
t0 = 250 ns for 4 MSPS Operation
th1
CS
td12
Figure 8. Back-To-Back operation With CS Toggling and RD Low
NAP MODE
The device can be put in nap mode following the sequences shown in Figure 9. This provides substantial power
saving while operating at lower sampling rates.
While operating the device at throughput rates lower than 3.2 MSPS, A_PWD can be held low (see Figure 9).
In this condition, the device goes into the nap state immediately after BUSY goes low and remains in that state
until the next sampling starts. The minimum acquisition time is 60 nsec more than t(acq) as defined in the timing
requirements section.
Alternately, A_PWD can be toggled any time during operation (see Figure 10). This is useful when the system
acquires data at the maximum conversion speed for some period of time (back-to-back conversion) and it does
not acquire data for some time while the acquired data is being processed. During this period, the device can
be put in the nap state to save power. The device remains in the nap state as long as A_PWD is low with BUSY
being low and sampling has not started. The minimum acquisition time for the first sampling after the nap state
is 60 nsec more than t(acq) as defined in the timing requirements section.
A_PWD
(Held Low)
BUSY
SAMPLE
(Internal)
NAP
(Internal Active High)
t(acq) + 60 ns
NOTE: The SAMPLE (Internal) signal is generated as described in the Sampling and Conversion
Start section.
Figure 9. Device Operation While A_PWD is Held Low


Similar Part No. - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881IRGZR TI1-ADS7881IRGZR Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com