Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8330IBRSAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8330IBRSAR
Description  LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8330IBRSAR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8330IBRSAR Datasheet HTML 1Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 2Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 3Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 4Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 5Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 6Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 7Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 8Page - Texas Instruments ADS8330IBRSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
REF−
+IN
REF+
SDI
SCLK
SDO
CDAC
SAR
COMPARATOR
OUTPUT
LATCH
and
3−STATE
DRIVER
CONVERSION
and
CONTROL
LOGIC
−IN
+IN1
+IN0
COM
NC
OSC
_
+
ADS8330
ADS8329
FS/CS
CONVST
EOC/INT/CDI
ADS8329
ADS8330
www.ti.com ................................................................................................................................................... SLAS516C – DECEMBER 2006 – REVISED JULY 2009
LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT,
ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
• Communications
2
• 2.7-V to 5.5-V Analog Supply, Low Power:
• Transducer Interface
15.5 mW (1 MHz, +VA = 3 V, +VBD = 1.8 V)
• Medical Instruments
• 1-MHz Sampling Rate 3 V ≤ +VA ≤ 5.5 V,
• Magnetometers
900-kHz Sampling Rate 2.7 V
≤ +VA ≤ 3 V
• Industrial Process Control
• Excellent DC Performance:
• Data Acquisition Systems
±1.0 LSB Typ, ±1.75 LSB Max INL
±0.5 LSB Typ, ±1 LSB Max DNL
• Automatic Test Equipment
16-Bit NMC Over Temperature
±0.5 mV Max Offset Error at 3 V
±1 mV Max Offset Error at 5 V
The ADS8329 is a low-power, 16-bit, 1-MSPS
• Excellent AC Performance at f
I = 10 kHz with
analog-to-digital converter (ADC) with a unipolar
93 dB SNR, 105 dB SFDR, –102 dB THD
input. The device includes a 16-bit capacitor-based
SAR ADC with inherent sample-and-hold.
• Built-In Conversion Clock (CCLK)
• 1.65 V to 5.5 V I/O Supply:
The ADS8330 is based on the same core and
includes a 2-to-1 input MUX with programmable
SPI/DSP Compatible Serial
option of TAG bit output. Both the ADS8329 and
SCLK up to 50 MHz
ADS8330 offer a high-speed, wide voltage serial
• Comprehensive Power-Down Modes:
interface and are capable of chain mode operation
Deep Power-Down
when multiple converters are used.
Nap Power-Down
These converters are available in 4 × 4 QFN and
Auto Nap Power-Down
16-pin TSSOP packages, and are fully specified for
• Unipolar Input Range: 0 V to V
REF
operation
over
the
industrial
–40°C
to
+85°C
• Software Reset
temperature range.
• Global CONVST (Independent of CS)
Low Power, High-Speed SAR Converter Family
• Programmable Status/Polarity EOC/INT
Type/Speed
500 kSPS
1 MSPS
• 16-Pin 4 × 4 QFN and 16-Pin TSSOP Packages
Single
ADS8327
ADS8329
• Multi-Chip Daisy Chain Mode
16-bit single-ended
Dual
ADS8328
ADS8330
• Programmable TAG Bit Output
Single
ADS7279
14-bit single-ended
• Auto/Manual Channel Select Mode (ADS8330)
Dual
ADS7280
Single
ADS7229
12-bit single ended
Dual
ADS7230
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8330IBRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330IBRSAR TI-ADS8330IBRSAR Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8330IBRSAR BURR-BROWN-ADS8330IBRSAR Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8330IBRSAR TI1-ADS8330IBRSAR Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330IBRSAR TI1-ADS8330IBRSAR Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330IBRSARG4 TI-ADS8330IBRSARG4 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8330IBRSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com