Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60R050 Datasheet(PDF) 3 Page - Littelfuse

Part # 60R050
Description  Radial Leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R050 Datasheet(HTML) 3 Page - Littelfuse

  60R050 Datasheet HTML 1Page - Littelfuse 60R050 Datasheet HTML 2Page - Littelfuse 60R050 Datasheet HTML 3Page - Littelfuse 60R050 Datasheet HTML 4Page - Littelfuse 60R050 Datasheet HTML 5Page - Littelfuse 60R050 Datasheet HTML 6Page - Littelfuse 60R050 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
85
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
60R Series
Radial Leaded > 60R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/60R.html for current information.
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C, 1000 hours
-/+ 5% typical resistance
change
Humidity Aging
+85°C, 85% R.H.,1000 hours
-/+ 5% typical resistance
change
Thermal Shock
+85°C to -40°C 10 times
-/+ 5% typical resistance
change
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Resistance Level
Level 1, J–STD–020C
Physical Specifications
Lead Material
.20-.40A: Tin-plated Copper clad steel
.50-3.75A: Tin-plated Copper
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with ‘LF’, voltage, current rating,
and date code.
Soldering Parameters - Wave Soldering
Pre-Heating Zone
Refer to the condition
recommended by the
flux manufacturer.
Max. ramping rate
should not exceed 4°C/
Sec.
Soldering Zone
Max. solder
temperature should not
exceed 260°C
Cooling Zone
Cooling by natural
convection in air.
Preheating
160
190
220
260
0
5 max.
Soldering
Cooling
60 min.
Time(s)


Similar Part No. - 60R050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R050 LITTELFUSE-60R050 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R050 LITTELFUSE-60R050 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 60R050

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com