Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9218N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9218N
Description  CONNECTION UNIT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

9218N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9218N Datasheet HTML 1Page - List of Unclassifed Manufacturers 9218N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONNECTION UNIT
Page 2
15/02/08 V1.0
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet
should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting
from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-Elec is the registered trademark of the Group. © Premier Farnell plc 2008.
For enquiries from all other markets
International Sales Offices:
AUSTRALIA – Farnell
Tel No:
++61 1300 361 005
Fax No: ++61 1300 361 225
FRANCE – Farnell
Tel No:
++ 33 474 68 99 99
Fax No: ++ 33 474 68 99 90
NORWAY – Farnell
Tel No:
800 146 70
Fax No: 800 146 76
AUSTRIA – Farnell
Tel No:
++ 43 662 2180 680
Fax No: ++ 43 662 2180 670
GERMANY – Farnell
Tel No:
++ 49 89 61 39 39 39
Fax No: ++ 49 89 613 59 01
PORTUGAL – Farnell
Tel No:
++ 34 93 475 8804
Fax No: ++ 34 93 474 5288
RUSSIA – Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ESTONIA – Farnell
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
NETHERLANDS – Farnell
Tel No:
++ 31 30 241 7373
Fax No: ++ 31 30 241 7333
UK – Farnell
Tel No:
++ 44 8701 200 200
Fax No: ++ 44 8701 200 201
SINGAPORE
Farnell-Newark
Tel No:
++ 65 6788 0200
Fax No: ++ 65 6788 0300
HONG KONG
Farnell-Newark
Tel No:
++ 852 2268 9888
Fax No: ++ 852 2268 9899
HUNGARY - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
BELGIUM – Farnell
Tel No:
++ 32 3 475 2810
Fax No: ++ 32 3 227 3648
BRAZIL – Farnell-Newark
Tel No:
++ 55 11 4066 9400
Fax No: ++ 55 11 4066 9410
IRELAND – Farnell
Tel No:
++ 353 1 830 9277
Fax No: ++ 353 1 830 9016
INDIA - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ISRAEL – Farnell
Tel No:
++ 180 937 0015
Fax No: ++ 180 937 0014
SPAIN – Farnell
Tel No:
901 20 20 80
Fax No: 901 20 20 90
CHINA – Farnell-Newark
Tel No:
++86 10 6238 5152
Fax No: ++86 10 6238 5022
CZECH REPUBLIC - Farnell
Tel No:
++ 44 870 1200 208
Fax No: ++ 44 870 1200 209
ITALY – Farnell
Tel No:
++ 39 02 93 995 200
Fax No: ++ 39 02 93 995 300
SWEDEN – Farnell
Tel No:
++ 46 8 730 50 00
Fax No: ++ 46 8 83 52 62
MALAYSIA
Farnell-Newark
Tel No:
++ 60 3 7873 8000
Fax No: ++ 60 3 7873 7000
SWITZERLAND – Farnell
Tel No:
++ 44 204 64 64
Fax No: ++ 44 204 64 54
DENMARK – Farnell
Tel No:
++ 45 44 53 66 44
Fax No: ++ 45 44 53 66 06
UK CPC
++ 44 8701 202 530
++ 44 8701 202 531
USA
Newark
Tel No:
800 463 9275
NEW ZEALAND – Farnell
Tel No:
0800 90 80 80
Fax No: 0800 90 80 81
EXPORT – Farnell
Tel No:
++ 44 8701 200 208
Fax No: ++ 44 8701 200 209
export
FINLAND – Farnell
Tel No:
++ 358 9 560 7780
Fax No: ++ 358 9 345 5411
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Notes:


Similar Part No. - 9218N

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
921 OSCILENT-921 Datasheet
141Kb / 2P
   LVPECL Output
921-AM-3E1-TTS OSCILENT-921-AM-3E1-TTS Datasheet
141Kb / 2P
   5 x 7 Ceramic 6 Pad LVPECL Output
921-AM-3E1-TTS-001 OSCILENT-921-AM-3E1-TTS-001 Datasheet
141Kb / 2P
   LVPECL Output
logo
List of Unclassifed Man...
9210 ETC2-9210 Datasheet
173Kb / 1P
   ACCEPTS 16,18 or 20 PIN WIDE S.O.I.C. BUILD PLUG-IN TEST CIRCUITS AND MODULES
logo
Heyco.
9210 HEYCO-9210 Datasheet
93Kb / 1P
   Drive Fasteners
More results

Similar Description - 9218N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
   Star Connection/Delta Connection
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
   Connectors, Type of connection: Screw connection
logo
List of Unclassifed Man...
M3SPD ETC2-M3SPD Datasheet
186Kb / 1P
   CONNECTION DIAGRAM DIAGRAMME DE CONNECTION SCHALTBILDANSCHLUSS
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
KODENSHI_AUK CORP.
LG2A09NL KODENSHI-LG2A09NL Datasheet
159Kb / 2P
   Connector connection
SG2A194 KODENSHI-SG2A194 Datasheet
157Kb / 3P
   Connector connection
logo
SICK AG
DSL-8204-G10M SICK-DSL-8204-G10M Datasheet
239Kb / 4P
   Connection cables
logo
KODENSHI_AUK CORP.
LG2A21L2-D2 KODENSHI-LG2A21L2-D2 Datasheet
155Kb / 3P
   connector connection
logo
Pepperl+Fuchs Inc.
DT3S-G-BK3M-PUR-O1-DT3P-G PF-DT3S-G-BK3M-PUR-O1-DT3P-G Datasheet
1,016Kb / 3P
   Connection cable
2020-09-23
V1-W-A2-5M-PUR-V1-G PF-V1-W-A2-5M-PUR-V1-G Datasheet
624Kb / 3P
   Connection cable
2022-05-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com