Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60R185 Datasheet(PDF) 1 Page - Littelfuse

Part # 60R185
Description  Radial Leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

60R185 Datasheet(HTML) 1 Page - Littelfuse

  60R185 Datasheet HTML 1Page - Littelfuse 60R185 Datasheet HTML 2Page - Littelfuse 60R185 Datasheet HTML 3Page - Littelfuse 60R185 Datasheet HTML 4Page - Littelfuse 60R185 Datasheet HTML 5Page - Littelfuse 60R185 Datasheet HTML 6Page - Littelfuse 60R185 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
83
Revised: January 1, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
60R Series
Radial Leaded > 60R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/60R.html for current information.
60R Series
The 60R Series radial leaded device is designed to provide
overcurrent protection for (≤60V) applications where space
is not a concern and resettable protection
is preferred.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
60R010
0.10
0.20
60
40
0.38
0.50
4.00
2.500
7.500
XX
60R020
0.20
0.40
60
40
0.41
1.00
2.20
1.830
4.400
XX
60R025
0.25
0.50
60
40
0.45
1.25
2.50
1.250
3.000
XX
60R030
0.30
0.60
60
40
0.49
1.50
3.00
0.880
2.100
XX
60R040
0.40
0.80
60
40
0.56
2.00
3.80
0.550
1.290
XX
60R050
0.50
1.00
60
40
0.77
2.50
4.00
0.500
1.170
XX
60R065
0.65
1.30
60
40
0.88
3.25
5.30
0.310
0.720
XX
60R075
0.75
1.50
60
40
0.92
3.75
6.30
0.250
0.600
XX
60R090
0.90
1.80
60
40
0.99
4.50
7.20
0.200
0.470
XX
60R110
1.10
2.20
60
40
1.50
5.50
8.20
0.150
0.380
XX
60R135
1.35
2.70
60
40
1.70
6.75
9.60
0.120
0.300
XX
60R160
1.60
3.20
60
40
1.90
8.00
11.40
0.090
0.220
XX
60R185
1.85
3.70
60
40
2.10
9.25
12.60
0.080
0.190
XX
60R250
2.50
5.00
60
40
2.50
12.50
15.60
0.050
0.130
XX
60R300
3.00
6.00
60
40
2.80
15.00
19.80
0.040
0.100
XX
60R375
3.75
7.50
60
40
3.20
18.75
24.00
0.030
0.080
XX
Description
Features
Applications
• USB hubs, ports
and peripherals
• IEEE1394 ports
• Computers & peripherals
• Motor protection
• General electronics
• Automotive applications
• Industrial controls
• Transformers
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119318
* Effective January 1, 2010, all 60R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 60R PTC products may continue to be sold, until supplies are depleted.
• Cured, flame retardant
epoxy polymer insulating
material meets UL 94V-0
requirements
• Fast time–to-trip
• RoHS compliant, Lead-
Free and Halogen-Free*


Similar Part No. - 60R185

ManufacturerPart #DatasheetDescription
logo
Littelfuse
60R185 LITTELFUSE-60R185 Datasheet
152Kb / 2P
   Radial Leaded PTC
60R185 LITTELFUSE-60R185 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 60R185

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com