Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5308 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5308
Description  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5308 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5308_11 Datasheet HTML 7Page - Analog Devices AD5308_11 Datasheet HTML 8Page - Analog Devices AD5308_11 Datasheet HTML 9Page - Analog Devices AD5308_11 Datasheet HTML 10Page - Analog Devices AD5308_11 Datasheet HTML 11Page - Analog Devices AD5308_11 Datasheet HTML 12Page - Analog Devices AD5308_11 Datasheet HTML 13Page - Analog Devices AD5308_11 Datasheet HTML 14Page - Analog Devices AD5308_11 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 11 of 28
SUPPLY VOLTAGE (V)
1.3
0.6
0.7
0.9
1.0
2.0
1.2
1.1
0.8
2.5
3.0
3.5
4.0
4.5
5.0
TA = 25°C
VREF = VDD
VREF = 2V, GAIN = +1,
BUFFERED
VREF = 2V, GAIN = +1, UNBUFFERED
VREF = VDD, GAIN = +1, UNBUFFERED
Figure 16. Supply Current vs. Supply Voltage
VDD (V)
1.0
0
0.8
0.2
0.4
0.6
2.0
0.9
0.7
0.1
0.3
0.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TA = 25°C
Figure 17. Power-Down Current vs. Supply Voltage
VLOGIC (V)
0.6
0
1.0
0.7
0.8
1.0
1.2
1.4
2.0
3.0
4.0
DECREASING
VDD = 3V
INCREASING
0.9
1.1
1.3
1.5
2.5
3.5
0.5
4.5
5.0
TA = 25°C
VDD = 5V
Figure 18. Supply Current vs. Logic Input Voltage for SCLK and DIN Increasing
and Decreasing
CH1
CH2
VOUTA
SCLK
CH1 1V, CH2 5V, TIME BASE = 1
μs/DIV
TA = 25°C
VDD = 5V
VREF = 5V
Figure 19. Half-Scale Settling (1/4 to 3/4 Scale Code Change)
CH1
CH2
CH1 2.00V, CH2 200mV, TIME BASE = 200
μs/DIV
VOUTA
VDD
TA = 25°C
VDD = 5V
VREF = 2V
Figure 20. Power-On Reset to 0 V
CH1
CH2
VOUTA
CH1 500V, CH2 5.00mV, TIME BASE = 1
μs/DIV
PD
TA = 25°C
VDD = 5V
VREF = 2V
Figure 21. Exiting Power-Down to Midscale


Similar Part No. - AD5308_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Similar Description - AD5308_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com