Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG719BRM-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG719BRM-REEL7
Description  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG719BRM-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADG719BRM-REEL7 Datasheet HTML 1Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 2Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 3Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 4Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 5Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 6Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 7Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 8Page - Analog Devices ADG719BRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG719
Rev. D | Page 3 of 16
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V.
Table 1.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
VS = 0 V to VDD, IS = −10 mA;
2.5
Ω typ
See Figure 14
4
5
7
Ω max
On Resistance Match Between
Channels (ΔRON)
0.1
Ω typ
VS = 0 V to VDD, IS = −10 mA
0.4
0.4
Ω max
On Resistance Flatness (RFLAT(ON))
0.75
Ω typ
VS = 0 V to VDD, IS = −10 mA
1.2
1.5
Ω max
LEAKAGE CURRENTS IS (Off )
VDD = 5.5 V
Source Off Leakage
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V;
±0.25
±0.35
1
nA max
See Figure 15
Channel On Leakage ID, IS (On)
±0.01
nA typ
VS = VD = 1 V or VS = VD = 4.5 V;
±0.25
±0.35
5
nA max
See Figure 16
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS1
tON
7
ns typ
RL = 300 Ω, CL = 35 pF
12
ns max
VS = 3 V; See Figure 17
tOFF
3
ns typ
RL = 300 Ω, CL = 35 pF
6
ns max
VS = 3 V; See Figure 17
Break-Before-Make Time Delay, tD
8
ns typ
RL = 300 Ω, CL = 35 pF,
1
ns min
VS1 = VS2 = 3 V; See Figure 18
Off Isolation
−67
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−87
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
See Figure 19
Channel-to-Channel Crosstalk
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
See Figure 20
Bandwidth −3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF; See Figure 21
CS (Off )
7
pF typ
CD, CS (On)
27
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
Digital inputs = 0 V or 5.5 V
IDD
0.001
μA typ
1.0
μA max
1 Guaranteed by design, not subject to production test.


Similar Part No. - ADG719BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
More results

Similar Description - ADG719BRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com