Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0832LCWMX Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC0832LCWMX
Description  DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC0832LCWMX Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC0832LCWMX Datasheet HTML 2Page - Texas Instruments DAC0832LCWMX Datasheet HTML 3Page - Texas Instruments DAC0832LCWMX Datasheet HTML 4Page - Texas Instruments DAC0832LCWMX Datasheet HTML 5Page - Texas Instruments DAC0832LCWMX Datasheet HTML 6Page - Texas Instruments DAC0832LCWMX Datasheet HTML 7Page - Texas Instruments DAC0832LCWMX Datasheet HTML 8Page - Texas Instruments DAC0832LCWMX Datasheet HTML 9Page - Texas Instruments DAC0832LCWMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DAC0830, DAC0832
SNAS534B – MAY 1999 – REVISED MARCH 2013
www.ti.com
is high.
WR2: Write 2 (active low). This signal, in combination with XFER, causes the 8-bit data which is available in the
input latch to transfer to the DAC register.
XFER: Transfer control signal (active low). The XFER will enable WR2.
Other Pin Functions
DI0-DI7: Digital Inputs. DI0 is the least significant bit (LSB) and DI7 is the most significant bit (MSB).
IOUT1: DAC Current Output 1. IOUT1 is a maximum for a digital code of all 1's in the DAC register, and is zero for
all 0's in DAC register.
IOUT2: DAC Current Output 2. IOUT2 is a constant minus IOUT1 , or IOUT1 + IOUT2 = constant (I full scale for a fixed
reference voltage).
Rfb:
Feedback Resistor. The feedback resistor is provided on the IC chip for use as the shunt feedback
resistor for the external op amp which is used to provide an output voltage for the DAC. This on-chip
resistor should always be used (not an external resistor) since it matches the resistors which are used in
the on-chip R-2R ladder and tracks these resistors over temperature.
VREF: Reference Voltage Input. This input connects an external precision voltage source to the internal R-2R
ladder. VREF can be selected over the range of +10 to −10V. This is also the analog voltage input for a 4-
quadrant multiplying DAC application.
VCC: Digital Supply Voltage. This is the power supply pin for the part. VCC can be from +5 to +15VDC.
Operation is optimum for +15VDC
GND: The pin 10 voltage must be at the same ground potential as IOUT1 and IOUT2 for current switching
applications. Any difference of potential (VOS pin 10) will result in a linearity change of :
(1)
For example, if VREF = 10V and pin 10 is 9mV offset from IOUT1 and IOUT2 the linearity change will be 0.03%.
Pin 3 can be offset ±100mV with no linearity change, but the logic input threshold will shift.
Linearity Error
Figure 3. a) End Point Test After
Figure 4. b) Best Straight Line
Figure 5. c) Shifting fs adj. to
Zero and fs adj.
Pass
Best Straight Line Test
Definition of Terms
Resolution: Resolution is directly related to the number of switches or bits within the DAC. For example, the
DAC0830 has 28 or 256 steps and therefore has 8-bit resolution.
Linearity Error: Linearity Error is the maximum deviation from a straight line passing through the endpoints of
the DAC transfer characteristic. It is measured after adjusting for zero and full-scale. Linearity error is a
parameter intrinsic to the device and cannot be externally adjusted.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0830 DAC0832


Similar Part No. - DAC0832LCWMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0832LCJ NSC-DAC0832LCJ Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCM NSC-DAC0832LCM Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCN NSC-DAC0832LCN Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
DAC0832LCV NSC-DAC0832LCV Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
More results

Similar Description - DAC0832LCWMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
   8-Bit P Compatible, Double-Buffered D to A Converters
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
National Semiconductor ...
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
   12-Bit, uP Compatible, Double-Buffered D to A Converters
DAC1006 NSC-DAC1006 Datasheet
369Kb / 22P
   uP Compatible, Double-Buffered D to A Converters
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com