Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA122PG4 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA122PG4
Description  Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA122PG4 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA122PG4 Datasheet HTML 5Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 6Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 7Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 8Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 9Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 10Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 11Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 12Page - Burr-Brown (TI) INA122PG4 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
®
INA122
equal to 0V. The outputs of both A1 and A2 must be 0V. But
any small positive voltage applied to V
IN
+ requires that A
2’s
output must swing below 0V, which is clearly impossible
without a negative power supply.
To achieve common-mode range that extends to single-
supply ground, the INA122 uses precision level-shifting
buffers on its inputs. This shifts both inputs by approxi-
mately +0.5V, and through the feedback network, shifts A2’s
output by approximately +0.6V. With both inputs and VREF
at single-supply, A2’s output is well within its linear range.
A positive VIN+ causes A2’s output to swing below 0.6V.
As a result of this input level-shifting, the voltages at pin 1
and pin 8 are not equal to their respective input terminal
voltages (pins 2 and 3). For most applications, this is not
important since only the gain-setting resistor connects to
these pins.
LOW VOLTAGE OPERATION
The INA122 can be operated on a single power supply as
low as +2.2V (or a total of +2.2V on dual supplies). Perfor-
mance remains excellent throughout the power supply range
up to +36V (or
±18V). Most parameters vary only slightly
throughout this supply voltage range—see typical perfor-
mance curves.
Operation at very low supply voltage requires careful atten-
tion to ensure that the common-mode voltage remains within
its linear range.
LOW QUIESCENT CURRENT OPERATION
The INA122 maintains its low quiescent current (60
µA)
while the output is within linear operation (up to 200mV
from the supply rails). When the input creates a condition
that overdrives the output into saturation, quiescent current
increases. With VO overdriven into the positive rail, the
quiescent current increases to approximately 400
µA. Like-
wise, with VO overdriven into the negative rail (single
supply ground) the quiescent current increases to approxi-
mately 200
µA.
OUTPUT CURRENT RANGE
Output sourcing and sinking current values versus the output
voltage ranges are shown in the typical performance curves.
The positive and negative current limits are not equal.
Positive output current sourcing will drive moderate to high
load impedances. Battery operation normally requires the
careful management of power consumption to keep load
impedances very high throughout the design.
FIGURE 6. Single-Supply Current Shunt Measurement.
INA122
ADS7816
12-Bit A/D
V
IN
R
G
R
S
0.02
I
L
2.5A
+
V
IN
3
2
4
5
6
7
G = 100
1
8
+5V
V+
Differential measurement
avoids ground loop errors.
Load
Shunt
7
5
6
8
4
2
1
3
Chip Select
Clock
Serial Data
CS
CLK
D
V
REF
+IN
–IN
1k
0.47µF
50mV
FIGURE 5. Micropower Single Supply Bridge Amplifier.
1k
REF200
200µA
INA122
3
8
7
4
5
6
2
1
V
CM ≈ 100mV
≈ 200mV
V
IN
+
V
IN
R
G
V
O = 0.1V to 4.9V
V
O
(60µA)
Ref(1)
+5V
NOTE: (1) To accomodate bipolar input signals,
V
REF can be offset to a positive voltage. Output
voltage is then referred to the voltage applied to Ref.


Similar Part No. - INA122PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122P BURR-BROWN-INA122P Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122PA BURR-BROWN-INA122PA Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com