Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225P18291W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 225P18291W
Description  Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

225P18291W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  225P18291W Datasheet HTML 1Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 2Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 3Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 4Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 5Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 6Page - List of Unclassifed Manufacturers 225P18291W Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Radial-lead. Pressed profile.
• Non-inductively wound, extended
foil construction.
• Over 35 years o f proven dependability.
• Wide availability through CDE
Distribution.
Specifications
Capacitance Range:
.00 to 1.0 µF
Capacitance Tolerance:
±5%, ±10%, ±20%
Voltage Ratings:
100 to 600 Volts D-C
70 to 200 Volts A-C
Operating Temperature Range:
-55°C to +85°C (at full voltage)
Voltage Derating:
At +105°C, 70% of +85°C rating.
At +125°C, 50% of +85°C rating.
Lead Wire:
Tinned copper-clad steel,
.032 (0.8) diameter, #20 AWG
Insulation Resistance:
At +25°C: 100,000 M for
.25 µF
25,000 M -µF for C > .25 µF
At +85°C: 10,000 M for C .15 µF
1,500M -µFfor C >.15 µF
At+105°C: 1.500 M for C .17 µF
250 M -µF for C > .17µF
At +125°C: 200 M for C .13 µF
25 M -µF for C >.13 µF
Dissipation Factor:
0.75% Maximum @ 1 KHz, +25°C
Encapsulation:
Conformal coating of orange, flame
retardant epoxy. Meets UL94V-0
specifications.
Dielectric/Construction:
Polyester film, single section design.
Non-inductively wound with extended
aluminum foil.
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P18291W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
225P18291W CDE-225P18291W Datasheet
318Kb / 8P
   Radial-lead. Pressed profile
More results

Similar Description - 225P18291W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com