Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-2CFA-B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D4NL-2CFA-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-2CFA-B Datasheet(HTML) 3 Page - Omron Electronics LLC

  D4NL-2CFA-B Datasheet HTML 1Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 2Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 3Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 4Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 5Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 6Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 7Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 8Page - Omron Electronics LLC D4NL-2CFA-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
G-155
D4NL
Operation Keys
Specifications
Standards and EC Directives
Applicable EC Directives and Standards
• Machinery Directive
• Low Voltage Directive
• EN1088
• EN60204-1
• GS-ET-19
Approved Standards
Note: 1. Consult your OMRON representative for details.
2. Approval for CSA C22.2 No. 14 is authorized by the UL
mark.
Approved Standard Ratings
TÜV (EN60947-5-1)
Note: Use a 10-A fuse type gI or gG that conforms to IEC269 as a short-circuit
protection device. This fuse is not built into the Switch.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Solenoid Coil Characteristics
Indicator Characteristics
Type
Model
D4DS-K1
D4DS-K2
D4DS-K3
D4DS-K5
Horizontal mounting
Vertical mounting
Adjustable mounting
(Horizontal)
Adjustable mounting
(Horizontal/Vertical)
Agency
Standard
File No.
TÜV Product
Service
EN60947-5-1 (approved
direct opening)
(See note 1.)
UL (See note 2.)
UL508, CSA C22.2 No.14
E76675
Item
Utilization
category
AC-15
DC-13
Rated operating current (I
e)
3 A
0.27 A
Rated operating voltage (U
e)
240 V
250 V
Rated
voltage
Carry current
Current
Volt-amperes
Make
Break
Make
Break
120 VAC
10 A
60 A
6 A
7,200 VA 720 VA
240 VAC
30 A
3 A
Item
24 VDC
110 VAC
230 VAC
Rated operating
voltage (100% ED)
24 VDC +10%/
−15%
110 VAC
±10% 230 VAC ±10%
Current consump-
tion
Approx.
200 mA
Approx. 50 mA Approx. 30 mA
Insulation
Class F (130
° C max.)
Item
LED
Rated voltage
10 to 115 VAC/VDC
Current leakage
Approx. 1 mA
Color (LED)
Orange
F502-EN2-04.book Seite 155 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4NL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-2CFA-B OMRON-D4NL-2CFA-B Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4NL-2CFA-B4 OMRON-D4NL-2CFA-B4 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
More results

Similar Description - D4NL-2CFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com