Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4NL-1EFA-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D4NL-1EFA-B
Description  Guard Lock Safety-door Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NL-1EFA-B Datasheet(HTML) 2 Page - Omron Electronics LLC

  D4NL-1EFA-B Datasheet HTML 1Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 2Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 3Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 4Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 5Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 6Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 7Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 8Page - Omron Electronics LLC D4NL-1EFA-B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
G-154
Safety Sensors / Components
Ordering Information
List of Models
For 110V and 230V version ask your local OMRON Representative
Switches (Operation Keys are sold separately.)
Head
material
Release
key
position
Release
key type
Solenoid voltage/
indicator
Lock and release types
Contact configuration
(door open/closed
detection switch and lock
monitor switch contacts)
(slow-action)
Approved direct opening
NC contact
Conduit opening
Model
Plastic
Bottom
Standard
Solenoid: 24 VDC
Orange LED: 10 to 115
VAC/VDC
Mechanical lock
Solenoid release
1NC/1NO+1NC/1NO
Pg13.5
D4NL-1AFA-B*
G1/2
D4NL-2AFA-B
M20
D4NL-4AFA-B*
1NC/1NO+2NC
Pg13.5
D4NL-1BFA-B
G1/2
D4NL-2BFA-B
M20
D4NL-4BFA-B
2NC+1NC/1NO
Pg13.5
D4NL-1CFA-B*
G1/2
D4NL-2CFA-B
M20
D4NL-4CFA-B*
2NC+2NC
Pg13.5
D4NL-1DFA-B
G1/2
D4NL-2DFA-B
M20
D4NL-4DFA-B
2NC/1NO+1NC/1NO
Pg13.5
D4NL-1EFA-B
G1/2
D4NL-2EFA-B
M20
D4NL-4EFA-B*
2NC/1NO+2NC
Pg13.5
D4NL-1FFA-B
G1/2
D4NL-2FFA-B
M20
D4NL-4FFA-B
3NC+1NC/1NO
Pg13.5
D4NL-1GFA-B
G1/2
D4NL-2GFA-B
M20
D4NL-4GFA-B
3NC+2NC
Pg13.5
D4NL-1HFA-B
G1/2
D4NL-2HFA-B
M20
D4NL-4HFA-B
Solenoid lock
Mechanical release
1NC/1NO+1NC/1NO
Pg13.5
D4NL-1AFG-B*
G1/2
D4NL-2AFG-B
M20
D4NL-4AFG-B*
1NC/1NO+2NC
Pg13.5
D4NL-1BFG-B
G1/2
D4NL-2BFG-B
M20
D4NL-4BFG-B
2NC+1NC/1NO
Pg13.5
D4NL-1CFG-B*
G1/2
D4NL-2CFG-B
M20
D4NL-4CFG-B*
2NC+2NC
Pg13.5
D4NL-1DFG-B
G1/2
D4NL-2DFG-B
M20
D4NL-4DFG-B
2NC/1NO+1NC/1NO
Pg13.5
D4NL-1EFG-B
G1/2
D4NL-2EFG-B
M20
D4NL-4EFG-B*
2NC/1NO+2NC
Pg13.5
D4NL-1FFG-B
G1/2
D4NL-2FFG-B
M20
D4NL-4FFG-B
3NC+1NC/1NO
Pg13.5
D4NL-1GFG-B
G1/2
D4NL-2GFG-B
M20
D4NL-4GFG-B
3NC+2NC
Pg13.5
D4NL-1HFG-B
G1/2
D4NL-2HFG-B
M20
D4NL-4HFG-B
: Models with approved direct opening contacts.
Prefered stock item*
F502-EN2-04.book Seite 154 Dienstag, 26. Juli 2005 5:48 17


Similar Part No. - D4NL-1EFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4NL-1EFA-B OMRON-D4NL-1EFA-B Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4NL-1EFA-B4 OMRON-D4NL-1EFA-B4 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
More results

Similar Description - D4NL-1EFA-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL_11 Datasheet
3Mb / 19P
   Best-selling Guard Lock Safety-door Switch Available in Several Compact, Multi-contact Models
D4BS OMRON-D4BS Datasheet
207Kb / 9P
   Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
Molex Electronics Ltd.
69018-6052 MOLEX11-69018-6052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
0690186052 MOLEX11-0690186052 Datasheet
30Kb / 1P
   Micro Switch for TM-42 Safety Guard
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com