Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225P39391W Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 225P39391W
Description  Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

225P39391W Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  225P39391W Datasheet HTML 1Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 2Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 3Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 4Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 5Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 6Page - List of Unclassifed Manufacturers 225P39391W Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
dV/dt Specifications
Maximum Pulse Rise Time (dV/dt) in Volts/µsec
Cap
Value (µF)
100V
200V
400V
600V
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
12200
11100
9900
9100
8200
7400
6700
6200
5600
5100
4700
4200
3800
3500
3100
2900
2600
2300
2100
1900
1800
1600
1500
1300
1200
1000
900
800
700
700
600
600
500
400
400
400
300
14800
13500
12100
11100
10000
9000
8200
7500
6800
6300
5700
5200
4700
4300
3800
3500
3200
2900
2600
2400
2200
2000
1800
1600
1500
1400
1200
1000
800
700
700
600
600
500
21000
19100
17100
15600
14100
12800
11500
10600
9700
8900
8000
7300
6600
6100
5400
4900
4500
4000
3700
3400
3100
2800
2500
2300
2100
1900
1500
1400
1300
1200
1000
1000
900
23300
21300
19000
17400
15700
14200
12800
11800
10700
9800
8900
8100
7400
6700
6000
5500
5000
4500
4100
3700
3400
3100
2800
2300
2100
1900
1700
1600
1400
Note: dV/dt ratings based on measurements made at the
junction of the wire leads and capacitor body.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 225P, Orange Drop®, Polyester Film/Foil Capacitors


Similar Part No. - 225P39391W

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
225P39391W CDE-225P39391W Datasheet
318Kb / 8P
   Radial-lead. Pressed profile
More results

Similar Description - 225P39391W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
   Polyester Film/Foil Capacitors
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
   Film/Foil Polyester Film Capacitors
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
RFE international
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
   POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
   POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
List of Unclassifed Man...
CQ92M ETC2-CQ92M Datasheet
52Kb / 3P
   ??Polyester film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com