Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM570 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPM570
Description  MAX II Device Family Data
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM570 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPM570 Datasheet HTML 7Page - Altera Corporation EPM570 Datasheet HTML 8Page - Altera Corporation EPM570 Datasheet HTML 9Page - Altera Corporation EPM570 Datasheet HTML 10Page - Altera Corporation EPM570 Datasheet HTML 11Page - Altera Corporation EPM570 Datasheet HTML 12Page - Altera Corporation EPM570 Datasheet HTML 13Page - Altera Corporation EPM570 Datasheet HTML 14Page - Altera Corporation EPM570 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
Chapter 2: MAX II Architecture
2–3
Functional Description
© October 2008
Altera Corporation
MAX II Device Handbook
Figure 2–2 shows a floorplan of a MAX II device.
Table 2–1. MAX II Device Resources
Devices
UFM Blocks
LAB Columns
LAB Rows
Total LABs
Long LAB Rows
Short LAB Rows
(Width) (1)
EPM240
164
24
EPM570
1124
3 (3)
57
EPM1270
1
16
7
3 (5)
127
EPM2210
1
20
10
3 (7)
221
Note to Table 2–1:
(1) The width is the number of LAB columns in length.
Figure 2–2. MAX II Device Floorplan (Note 1)
Note to Figure 2–2:
(1) The device shown is an EPM570 device. EPM1270 and EPM2210 devices have a similar floorplan with more LABs. For EPM240 devices, the CFM
and UFM blocks are located on the left side of the device.
UFM Block
CFM Block
I/O Blocks
Logic Array
Blocks
I/O Blocks
Logic Array
Blocks
2 GCLK
Inputs
2 GCLK
Inputs
I/O Blocks


Similar Part No. - EPM570

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM570 ALTERA-EPM570 Datasheet
103Kb / 10P
   JTAG & In-System Programmability
EPM570 ALTERA-EPM570 Datasheet
86Kb / 6P
   The MAX II family of instant-on, non-volatile CPLDs is based on a 0.18-m
EPM570 ALTERA-EPM570 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
EPM570 ALTERA-EPM570 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
logo
Intel Corporation
EPM570 INTEL-EPM570 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
More results

Similar Description - EPM570

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
   MAX II Device Family
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
EP2S60F484I4 ALTERA-EP2S60F484I4 Datasheet
2Mb / 238P
   Stratix II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com