Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

715P33491L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 715P33491L
Description  Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

715P33491L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 715P33491L Datasheet HTML 3Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 4Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 5Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 6Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 7Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 8Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 9Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 10Page - List of Unclassifed Manufacturers 715P33491L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Type 715P Standard Sizes/Ratings1
Value, µF
Part Number2 L MAX
DIA MAX H MAX Value, µF Part Number2
L MAX
DIA MAX
H MAX
1600 VDC / 5 00 VAC*
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
715P102916L
715P122916L
715P152916L
715P182916L
715P222916L
715P272916L
715P332916L
715P392916L
715P472916L
715P562916L
715P682916L
715P822916L
715P103916L
715P123916M
715P153916M
715P183916M
715P223916M
715P273916M
715P333916M
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.65
1.65
1.65
1.65
1.65
1.65
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(41.9)
(41.9)
(41.9)
(41.9)
(41.9)
(41.9)
.29
.30
.32
.34
.35
.38
.40
.43
.46
.49
.52
.56
.61
.54
.59
.63
.69
.74
.81
(7.4)
(7.6)
(8.1)
(8.6)
(8.9)
(9.7)
(10.2)
(10.9)
(11.7)
(12.4)
(13.2)
(14.2)
(15.5)
(13.7)
(15.0)
(16.0)
(17.5)
(18.8)
(20.6)
.33
.34
.36
.38
.39
.42
.44
.47
.50
.53
.56
.60
.65
.58
.63
.67
.73
.78
.85
(8.4)
(8.6)
(9.1)
(9.7)
(9.9)
(10.7)
(11.2)
(11.9)
(12.7)
(13.5)
(14.2)
(15.2)
(16.5)
(14.7)
(16.0)
(17.0)
(18.5)
(19.8)
(21.6)
2000 VDC / 500 VAC*
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
715P102920L
715P122920L
715P152920L
715P182920L
715P222920L
715P272920L
715P332920L
715P392920L
715P472920L
715P562920L
715P682920L
715P822920L
715P103920L
715P123920M
715P153920M
715P183920M
715P223920M
715P273920M
715P333920M
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.65
1.65
1.65
1.65
1.65
1.65
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(31.8)
(41.9)
(41.9)
(41.9)
(41.9)
(41.9)
(41.9)
.29
.30
.32
.34
.35
.38
.40
.43
.46
.49
.52
.56
.61
.54
.59
.63
.69
.74
.81
(7.4)
(7.6)
(8.1)
(8.6)
(8.9)
(9.7)
(10.2)
(10.9)
(11.7)
(12.4)
(13.2)
(14.2)
(15.5)
(13.7)
(15.0)
(16.0)
(17.5)
(18.8)
(20.6)
.33
.34
.36
.38
.39
.42
.44
.47
.50
.53
.56
.60
.65
.58
.63
.67
.73
.78
.85
(8.4)
(8.6)
(9.1)
(9.7)
(9.9)
(10.7)
(11.2)
(11.9)
(12.7)
(13.5)
(14.2)
(15.2)
(16.5)
(14.7)
(16.0)
(17.0)
(18.5)
(19.8)
(21.6)
1
Shaded part numbers, when ordered as ±5% tolerance with D3 leads, are standard stock items available through the CDE Distribution Network. For
complete part number add letter and number for terminal style and lead length in accordance with Ordering Information, (i.e. 715P10452LD3)
2
To complete part number for proper tolerance, terminal style and lead length please refer to Ordering/Part Number Information page.
* Please refer to performance curves for RMS Voltage vs. Frequency characteristics.
Please note:
It is not possible to list every capacitance value available for each rating, if you require a specific
cap value not listed just give us a call. We will supply the details you need.
Dimensions in inches, metric (mm) in parenthesis.
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 715P, Orange Drop®, Polypropylene Film/Foil Capacitors


Similar Part No. - 715P33491L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
715P33491L CDE-715P33491L Datasheet
493Kb / 15P
   Low dissipation factor.
More results

Similar Description - 715P33491L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
   Polypropylene film foil capacitors
2002 Oct 09
logo
List of Unclassifed Man...
225P10591YD3 ETC2-225P10591YD3 Datasheet
212Kb / 8P
   Type 225P, Orange Drop, Polyester Film/Foil Capacitors
logo
RFE international
PPL333K2A RFE-PPL333K2A Datasheet
61Kb / 1P
   POLYPROPYLENE FILM CAPACITORS PPL Series: Film Foil
logo
Vishay Siliconix
KP460 VISHAY-KP460 Datasheet
232Kb / 11P
   Polypropylene Film Foil Capacitors KP Axial Epoxy Lacquered Type
Revision: 25-Aug-03
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
   Polyester and Polypropylene Film/Foil Capacitors
logo
Kemet Corporation
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com