Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574HVM-12 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2574HVM-12
Description  LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVM-12 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2574HVM-12 Datasheet HTML 6Page - Texas Instruments LM2574HVM-12 Datasheet HTML 7Page - Texas Instruments LM2574HVM-12 Datasheet HTML 8Page - Texas Instruments LM2574HVM-12 Datasheet HTML 9Page - Texas Instruments LM2574HVM-12 Datasheet HTML 10Page - Texas Instruments LM2574HVM-12 Datasheet HTML 11Page - Texas Instruments LM2574HVM-12 Datasheet HTML 12Page - Texas Instruments LM2574HVM-12 Datasheet HTML 13Page - Texas Instruments LM2574HVM-12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LM2574, LM2574HV
SNVS104C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
(Circuit of Figure 24)
Continuous Mode Switching Waveforms
Discontinuous Mode Switching Waveforms
VOUT = 5V, 500 mA Load Current, L = 330 μH
VOUT = 5V, 100 mA Load Current, L = 100 μH
Notes:
Notes:
A: Output Pin Voltage, 10V/div
A: Output Pin Voltage, 10V/div
B: Inductor Current, 0.2 A/div
B: Inductor Current, 0.2 A/div
C: Output Ripple Voltage, 20 mV/div,
C: Output Ripple Voltage, 20 mV/div,
AC-Coupled
AC-Coupled
Horizontal Time Base: 5
μs/div
Horizontal Time Base: 5
μs/div
Figure 18.
Figure 19.
500 mA Load Transient Response for Continuous
250 mA Load Transient Response for Discontinuous
Mode Operation. L = 330
μH, COUT = 300 μF
Mode Operation. L = 68
μH, COUT = 470 μF
Notes:
Notes:
A: Output Voltage, 50 mV/div.
A: Output Voltage, 50 mV/div.
AC Coupled
AC Coupled
B: 100 mA to 500 mA Load Pulse
B: 50 mA to 250 mA Load Pulse
Horizontal Time Base: 200
μs/div
Horizontal Time Base: 200
μs/div
Figure 20.
Figure 21.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2574 LM2574HV


Similar Part No. - LM2574HVM-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574HVM-12 NSC-LM2574HVM-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574HVM-12 TI1-LM2574HVM-12 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
LM2574HVM-12/NOPB TI1-LM2574HVM-12/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVM-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com