Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ5-CE005L12D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DZ5-CE005L12D
Description  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE005L12D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DZ5-CE005L12D Datasheet HTML 1Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE005L12D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
6
09/98
c
Packaged in individual bags or bag strips
a
American Wire Guage
q
UL Component Recognized (File E164872) provided the AT1PA2 or AT1PA4 crimping tool is used to crimp the cable end.
Single Conductor Cable Ends With Marker Tag (NF C 63-023) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
0.25
26
Yellow
2.2
1.2
13
1000 (10x100) DZ5-CA002
0.140 (0.309)
0.34
24
Green
2.2
1.2
13
1000 (10x100) DZ5-CA003
0.140 (0.309)
0.5
22
White
3
1.4
13
1000 (10x100) DZ5-CA005UL q
0.160 (0.352)
0.75
20
Blue
3.1
1.6
13
1000 (10x100) DZ5-CA007UL q
0.160 (0.352)
1
18
Red
3.4
1.8
13.5
1000 (10x100) DZ5-CA010UL q
0.160 (0.352)
1.5
16
Black
4
2.1
13.5
1000 (10x100) DZ5-CA015UL q
0.180 (0.397)
2.5
14
Grey
4.6
2.7
14.5
1000 (10x100) DZ5-CA025UL q
0.250 (0.551)
Single Conductor Cable Ends With Clip-In Marker Tag Holder (NF C 63-023) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Type
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
c1
4
12
Orange Medium
5.5
3.3
19.5
11.5
1000 (10x100) DZ5-CA042UL q
0.300 (0.662)
Long
5.5
3.3
25.5
17.5
1000 (10x100) DZ5-CA043UL q
0.460 (1.014)
6
10
Green
Medium
7
3.95
20
11.5
100
DZ5-CA062
0.045 (0.099)
Long
7
3.95
26
17.5
100
DZ5-CA063
0.065 (0.143)
10
8
Brown
Medium
8.4
4.95
21.5
12
100
DZ5-CA102
0.057 (0.126)
Long
8.4
4.95
27
17.5
100
DZ5-CA103
0.085 (0.187)
16
6
White
Medium
8.8
6.35
23.5
12
100
DZ5-CA162
0.078 (0.172)
Long
8.8
6.35
29
17.5
100
DZ5-CA163
0.100 (0.221)
25
4
Black
Medium
12
8.15
30
17.5
100
DZ5-CA253
0.156 (0.344)
35
2
Red
Medium
13.5
9
30
16
20
DZ5-CA352
0.054 (0.119)
Long
13.5
9
39
25
20
DZ5-CA353
0.060 (0.132)
50
0
Blue
Medium
15.7
11
36
20
20
DZ5-CA502
0.060 (0.132)
Long
15.7
11
41
25
20
DZ5-CA503
0.074 (0.163)
Single Conductor Cable Ends With Clip-In Marker Tag Holder (DIN 46 228) c
Conductor
c.s.a. (mm2)
AWG
a
Color
Type
Dimensions (mm)
Sold in
lots of
Catalog Number
Weight per
lot in kg (lb)
øb
øb1
c
c1
10
8
Red
Medium
8.4
4.95
21.5
12
100
DZ5-CA102D
0.060 (0.132)
Long
8.4
4.95
27
17.5
100
DZ5-CA103D
0.090 (0.198)
16
6
Blue
Medium
9.8
6.35
23.5
12
100
DZ5-CA162D
0.080 (0.176)
Long
9.8
6.35
29
17.5
100
DZ5-CA163D
0.100 (0.221)
25
4
Yellow
12
8.15
30
17.5
100
DZ5-CA253D
0.156 (0.344)
35
2
Red
Medium
13.5
9
30
16
20
DZ5-CA352D
0.054 (0.119)
Long
13.5
9
39
25
20
DZ5-CA353D
0.060 (0.132)
50
0
Blue
Medium
15.7
11
36
20
20
DZ5-CA502D
0.060 (0.132)
Long
15.7
11
41
25
20
DZ5-CA503D
0.072 (0.159)
DZ5-CA0••
8
17
c
Medium Type
Long Type
DZ5-CA•••
c
c1
4,5
Ø b
c
c1
22
Cable end with clip-in
marker tag holder


Similar Part No. - DZ5-CE005L12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Similar Description - DZ5-CE005L12D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com