Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2734 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2734
Description  LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734 Datasheet(HTML) 4 Page - Texas Instruments

  LM2734 Datasheet HTML 1Page - Texas Instruments LM2734 Datasheet HTML 2Page - Texas Instruments LM2734 Datasheet HTML 3Page - Texas Instruments LM2734 Datasheet HTML 4Page - Texas Instruments LM2734 Datasheet HTML 5Page - Texas Instruments LM2734 Datasheet HTML 6Page - Texas Instruments LM2734 Datasheet HTML 7Page - Texas Instruments LM2734 Datasheet HTML 8Page - Texas Instruments LM2734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM2734
SNVS288I – SEPTEMBER 2004 – REVISED APRIIL 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to 125°C). VIN = 5V, VBOOST - VSW = 5V unless otherwise specified. Datasheet min/max
specification limits are ensured by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VFB
Feedback Voltage
0.784
0.800
0.816
V
ΔVFB/ΔVIN
Feedback Voltage Line Regulation
VIN = 3V to 20V
0.01
% / V
IFB
Feedback Input Bias Current
Sink/Source
10
250
nA
Undervoltage Lockout
VIN Rising
2.74
2.90
UVLO
Undervoltage Lockout
VIN Falling
2.0
2.3
V
UVLO Hysteresis
0.30
0.44
0.62
LM2734X
1.2
1.6
1.9
FSW
Switching Frequency
MHz
LM2734Y
0.40
0.55
0.66
LM2734X
85
92
DMAX
Maximum Duty Cycle
%
LM2734Y
90
96
LM2734X
2
DMIN
Minimum Duty Cycle
%
LM2734Y
1
RDS(ON)
Switch ON Resistance
VBOOST - VSW = 3V
300
600
m
ICL
Switch Current Limit
VBOOST - VSW = 3V
1.2
1.7
2.5
A
IQ
Quiescent Current
Switching
1.5
2.5
mA
Quiescent Current (shutdown)
VEN = 0V
30
nA
LM2734X (50% Duty Cycle)
2.5
3.5
IBOOST
Boost Pin Current
mA
LM2734Y (50% Duty Cycle)
1.0
1.8
Shutdown Threshold Voltage
VEN Falling
0.4
VEN_TH
V
Enable Threshold Voltage
VEN Rising
1.8
IEN
Enable Pin Current
Sink/Source
10
nA
ISW
Switch Leakage
40
nA
(1)
Specified to Average Outgoing Quality Level (AOQL).
(2)
Typicals represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2734


Similar Part No. - LM2734

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734-Q1 TI1-LM2734-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Similar Description - LM2734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com