Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2735 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735
Description  LM2735/LM2735-Q1 520kHz/1.6MHz ??Space-Efficient Boost and SEPIC DC-DC Regulator
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2735 Datasheet(HTML) 2 Page - Texas Instruments

  LM2735 Datasheet HTML 1Page - Texas Instruments LM2735 Datasheet HTML 2Page - Texas Instruments LM2735 Datasheet HTML 3Page - Texas Instruments LM2735 Datasheet HTML 4Page - Texas Instruments LM2735 Datasheet HTML 5Page - Texas Instruments LM2735 Datasheet HTML 6Page - Texas Instruments LM2735 Datasheet HTML 7Page - Texas Instruments LM2735 Datasheet HTML 8Page - Texas Instruments LM2735 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
1
2
3
7
6
4
AGND
FB
SW
VIN
EN
PGND
5
8
NC
NC
1
2
3
6
5
4
AGND
FB
SW
VIN
EN
PGND
2
1
3
5
4
EN
GND
FB
VIN
SW
4
2
5
3
1
C1
C2
VIN
2.7V-5.5V
L1
D1
R2
R1
C3
GND
12V
R3
LM2735
SNVS485F – JUNE 2007 – REVISED APRIL 2013
www.ti.com
Typical Boost Application Circuit
Figure 1.
Figure 2. Efficiency vs Load Current VO = 12V
Connection Diagrams
Figure 3. 5-Pin SOT-23 (Top View)
Figure 4. 6-Pin WSON (Top View)
See Package Number DBV
See Package Number NGG
Figure 5. 8-Pin MSOP-PowerPAD (Top View)
See Package Number DGN
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2735


Similar Part No. - LM2735

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735 TI-LM2735 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735-Q1 TI-LM2735-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
logo
National Semiconductor ...
LM2735XMF NSC-LM2735XMF Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
More results

Similar Description - LM2735

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
LM2735 NSC-LM2735 Datasheet
760Kb / 38P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Texas Instruments
LM2735 TI-LM2735_15 Datasheet
1Mb / 59P
[Old version datasheet]   LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com