Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2941CSX Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2941CSX
Description  LM2941/LM2941C 1A Low Dropout Adjustable Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX Datasheet(HTML) 2 Page - Texas Instruments

  LM2941CSX Datasheet HTML 1Page - Texas Instruments LM2941CSX Datasheet HTML 2Page - Texas Instruments LM2941CSX Datasheet HTML 3Page - Texas Instruments LM2941CSX Datasheet HTML 4Page - Texas Instruments LM2941CSX Datasheet HTML 5Page - Texas Instruments LM2941CSX Datasheet HTML 6Page - Texas Instruments LM2941CSX Datasheet HTML 7Page - Texas Instruments LM2941CSX Datasheet HTML 8Page - Texas Instruments LM2941CSX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM2941, LM2941C
SNVS770G – JUNE 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
LM2941T, LM2941S, LM2941LD
60V
Input Voltage (Survival Voltage,
≤ 100ms)
LM2941CT, LM2941CS
45V
Internal Power Dissipation (3)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C ≤ TJ ≤ +150°C
TO-220 (T), Wave
260°C, 10s
Soldering Temperature(4)
TO-263 (S)
235°C, 30s
WSON-8 (LD)
235°C, 30s
ESD Rating (5)
±2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For
ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and the LM2941 will go
into thermal shutdown. If the TO-263 package is used, the thermal resistance can be reduced by increasing the P.C. board copper area
thermally connected to the package: Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper area, θJA is
37°C/W; and with 1.6 or more square inches of copper area,
θJA is 32°C/W. Thermal performance for the WSON package was obtained
using a JESD51-7 board with six vias, using no airflow and an ambient temperature of 22°C. The value
θJA for the WSON package is
specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance
and power dissipation for the WSON package, refer to Application Note AN-1187 (literature number SNOA401). It is recommended that
6 vias be placed under the center pad to improve thermal performance.
(4)
Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the
temperature and time are for Sn-Pb (STD) only.
(5)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. Test method is per
JESD22–A114.
Operating Ratings
Maximum Input Voltage
26V
LM2941T
−40°C ≤ TJ ≤ 125°C
LM2941CT
0°C
≤ TJ ≤ 125°C
Temperature Range
LM2941S
−40°C ≤ TJ ≤ 125°C
LM2941CS
0°C
≤ TJ ≤ 125°C
LM2941LD
−40°C ≤ TJ ≤ 125°C
Electrical Characteristics—LM2941T, LM2941S, LM2941LD
5V
≤ VO ≤ 20V, VIN = VO + 5V, CO = 22μF, unless otherwise specified. Specifications in standard typeface apply for TJ = 25°C,
while those in boldface type apply over the full Operating Temperature Range.
LM2941T
LM2941S
Units
Parameter
Conditions
Typ
LM2941LD
(Limits)
Limit
1.237/1.211
V(min)
Reference Voltage
5mA
≤ IO ≤ 1A
(1)
1.275
1.313/1.339
V(max)
Line Regulation
VO + 2V ≤ VIN ≤ 26V, IO = 5mA
4
10/10
mV/V(max)
Load Regulation
50mA
≤ IO ≤ 1A
7
10/10
mV/V(max)
100 mADC and 20 mArms
Output Impedance
7
m
Ω/V
fO = 120Hz
VO + 2V ≤ VIN < 26V, IO = 5mA
10
15/20
mA(max)
Quiescent Current
VIN = VO + 5V, IO = 1A
30
45/60
mA(max)
(1)
The output voltage range is 5V to 20V and is determined by the two external resistors, R1 and R2. See Typical Application Circuit.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C


Similar Part No. - LM2941CSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2941CSX TI1-LM2941CSX Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
LM2941CSX/NOPB TI1-LM2941CSX/NOPB Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941CSX

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
   1A Adjustable Low-Dropout Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941_16 Datasheet
3Mb / 30P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
LM2941QML-SP TI-LM2941QML-SP_15 Datasheet
371Kb / 15P
[Old version datasheet]   LM2941QML 1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com