Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674MF-1.5 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3674MF-1.5
Description  LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3674MF-1.5 Datasheet(HTML) 2 Page - Texas Instruments

  LM3674MF-1.5 Datasheet HTML 1Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 2Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 3Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 4Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 5Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 6Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 7Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 8Page - Texas Instruments LM3674MF-1.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VIN
1
GND
2
EN
3
FB
4
SW
5
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 2.2 PH
VOUT
COUT: 10 PF
CIN: 4.7 PF
LM3674-
ADJ
VIN
2.7V to 5.5V
C1
C2
R1
R2
LM3674
SNVS405F – DECEMBER 2005 – REVISED MAY 2013
www.ti.com
Figure 2. Typical Application Circuit for Adjustable Voltage Option
PIN DIAGRAM
Figure 3. Top View
5-Pin SOT-23 Package
See Package Number DBV0005A
Note: The actual physical placement of the package marking will vary from part to part.
PIN DESCRIPTIONS
Pin Number
Name
Description
1
VIN
Power supply input. Connect to the input filter capacitor ( Figure 1).
2
GND
Ground pin.
Enable input. The device is in shutdown mode when voltage to this pin is <0.4V and enable when
3
EN
>1.0V. Do not leave this pin floating.
Feedback analog input. Connect to the output filter capacitor for fixed voltage versions. For adjustable
4
FB
version external resistor dividers are required ( Figure 2). The internal resistor dividers are disabled for
the adjustable version.
5
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3674


Similar Part No. - LM3674MF-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674MF-1.5 NSC-LM3674MF-1.5 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674MF-1.5 NSC-LM3674MF-1.5 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results

Similar Description - LM3674MF-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com