Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3940IMP-3.3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3940IMP-3.3
Description  LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3940IMP-3.3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3940IMP-3.3 Datasheet HTML 5Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 6Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 7Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 8Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 9Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 10Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 11Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 12Page - Texas Instruments LM3940IMP-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM3940
www.ti.com
SNVS114E – MAY 1999 – REVISED MARCH 2013
Figure 24. Maximum Power Dissipation vs. TAMB for the SOT-223 Package
Please see AN1028 for power enhancement techniques to be used with the SOT-223 package.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3940


Similar Part No. - LM3940IMP-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IMP-3.3 NSC-LM3940IMP-3.3 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

Similar Description - LM3940IMP-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3940IT-33 TI1-LM3940IT-33 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com