Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3674MF-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3674MF-ADJ
Description  LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3674MF-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM3674MF-ADJ Datasheet HTML 1Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 2Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 3Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 4Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 5Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 6Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 7Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 8Page - Texas Instruments LM3674MF-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM3674
www.ti.com
SNVS405F – DECEMBER 2005 – REVISED MAY 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)
LM3674 (5 Pin SOT-23)
Ordering Information
Voltage Option (V)
LM3674MF-1.2
LM3674MFX-1.2
1.2
LM3674MF-1.2/NOPB
LM3674MFX-1.2/NOPB
LM3674MF-1.5
LM3674MFX-1.5
1.5
LM3674MF-1.5/NOPB
LM3674MFX-1.5/NOPB
LM3674MF-1.6
LM3674MFX-1.6
1.6
LM3674MF-1.6/NOPB
LM3674MFX-1.6/NOPB
LM3674MF-1.8
LM3674MFX-1.8
1.8
LM3674MF-1.8/NOPB
LM3674MFX-1.8/NOPB
LM3674MF-1.875
LM3674MFX-1.875
1.875
LM3674MF-1.875/NOPB
LM3674MFX-1.875/NOPB
LM3674MF-2.8
LM3674MFX-2.8
2.8
LM3674MF-2.8/NOPB
LM3674MFX-2.8/NOPB
LM3674MF-ADJ
LM3674MFX-ADJ
Adjustable
LM3674MF-ADJ/NOPB
LM3674MFX-ADJ/NOPB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3674


Similar Part No. - LM3674MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674MF-ADJ NSC-LM3674MF-ADJ Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674MF-ADJ NSC-LM3674MF-ADJ Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
More results

Similar Description - LM3674MF-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3674 TI-LM3674_15 Datasheet
4Mb / 26P
[Old version datasheet]   LM3674 2-MHz, 600-mA Step-Down DC-DC Converter in SOT-23
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
   1MHz Step-Down DC/DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com