Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5642MTC Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5642MTC
Description  LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5642MTC Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5642MTC Datasheet HTML 4Page - Texas Instruments LM5642MTC Datasheet HTML 5Page - Texas Instruments LM5642MTC Datasheet HTML 6Page - Texas Instruments LM5642MTC Datasheet HTML 7Page - Texas Instruments LM5642MTC Datasheet HTML 8Page - Texas Instruments LM5642MTC Datasheet HTML 9Page - Texas Instruments LM5642MTC Datasheet HTML 10Page - Texas Instruments LM5642MTC Datasheet HTML 11Page - Texas Instruments LM5642MTC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
4
2
8
3
9
12
28
1
26
27
24
23
21
22
7
5
19
6
11
13
15
14
18
17
16
20
IC1
LM5642
10
+
25
C1
C34
R28
C11
R27
R23
C27
C26
C19
C2
R1
Q1
Q2
L1
R10
R11
C3
R2
R7
C4
R6
C6
C7
D3A
VDD
C9
1 PF
100
nF
220 k:
22 nF
4.7:
1 PF
4.7 PF
11.5 k:
Si4470DY x 2
Si4850EY
10 PF
50V
2.8Arms
VIN
10 m:
10 nF
100 pF
16.9 k:
100:
100 pF
100:
100 nF
BAS40-06
2.7 PH
4.5 m:
1000 PF
16V
22 m:
2.26
k:
4.99 k:
+
C13
R13
Q4
Q5
L2
C14
R14
R15
R16
C16
D3B
VDD
C23
Si4470DY x 2
Si4850EY
10 PF
50V
2.8Arms
VIN
10 m:
10 nF
100 pF
16.9 k:
100:
100 pF
100:
100 nF
BAS40-06
2.7 PH
4.5 m:
1000 PF
16V
22 m:
C16
C25
S1
VDD
SYNC
Vo = 1.8V, 20A
Q6
Q3
27 nF
C10
1 PF
C24
1 PF
Vin = 30V
r10%
SGND
COMP1
ON/SS1
COMP2
VDD1
VIN
VLIN5
SYNC
VDD2
UV_DELAY
ON/SS2
FB1
ILIM1
RSNS1
KS1
CBOOT1
HDRV1
SW1
LDRV1
PGND
ILIM2
RSNS2
KS2
SW2
HDRV2
CBOOT2
LDRV2
FB2
LM5642, LM5642X
SNVS219K – JUNE 2003 – REVISED APRIL 2013
www.ti.com
Figure 4. Typical Single Channel Application Circuit
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM5642 LM5642X


Similar Part No. - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642MTC NSC-LM5642MTC Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MTC NSC-LM5642MTC Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642MTCX NSC-LM5642MTCX Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Similar Description - LM5642MTC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
[Old version datasheet]   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com