Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CM
Description  LMC555 CMOS Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC555CM Datasheet HTML 6Page - Texas Instruments LMC555CM Datasheet HTML 7Page - Texas Instruments LMC555CM Datasheet HTML 8Page - Texas Instruments LMC555CM Datasheet HTML 9Page - Texas Instruments LMC555CM Datasheet HTML 10Page - Texas Instruments LMC555CM Datasheet HTML 11Page - Texas Instruments LMC555CM Datasheet HTML 12Page - Texas Instruments LMC555CM Datasheet HTML 13Page - Texas Instruments LMC555CM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LMC555
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
PULSE POSITION MODULATOR
This application uses the timer connected for astable operation, as in Figure 14, with a modulating signal again
applied to the control voltage terminal. The pulse position varies with the modulating signal, since the threshold
voltage and hence the time delay is varied. Figure 15 shows the waveforms generated for a triangle wave
modulation signal.
Figure 14. Pulse Position Modulator
VCC = 5V
Top Trace: Modulation Input 1 V/Div.
TIME = 0.1 ms/Div.
Bottom Trace: Output Voltage 2 V/Div.
RA = 3.9 kΩ
RB = 3 kΩ
C = 0.01 µF
Figure 15. Pulse Position Modulator Waveforms
50% DUTY CYCLE OSCILLATOR
The frequency of oscillation is
f = 1/(1.4 RCC)
Figure 16. 50% Duty Cycle Oscillator
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC555


Similar Part No. - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CM NSC-LMC555CM Datasheet
318Kb / 12P
   CMOS Timer
LMC555CM NSC-LMC555CM Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CM TI1-LMC555CM Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
LMC555CM/NOPB TI1-LMC555CM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
National Semiconductor ...
LMC555CMM NSC-LMC555CMM Datasheet
318Kb / 12P
   CMOS Timer
More results

Similar Description - LMC555CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com