Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4671DSN09T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4671DSN09T1G
Description  400 mA, Dual Rail Ultra Low Dropout Linear Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4671DSN09T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4671DSN09T1G Datasheet HTML 1Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 2Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 3Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 4Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 5Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 6Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 7Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 8Page - ON Semiconductor NCP4671DSN09T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
NCP4671
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C, VBIAS = VCE = 3.6 V, VIN = VOUT(NOM) + 0.5 V, IOUT = 1 mA, CBIAS = CIN = 1.0 mF, COUT = 2.2 mF, unless otherwise
noted. Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Supply Input Voltage
(Note 3)
VOUT < 0.8 V
VBIAS
2.4
5.25
V
VOUT ≥ 0.8 V
VOUT +
1.6
5.25
Operating Power Input Voltage
(Note 3)
VOUT < 0.8 V
VIN
0.9
VBIAS
V
VOUT ≥ 0.8 V
VOUT +
0.1
VBIAS
Output Voltage
TA = +25 °C
VOUT
−15
+15
mV
TA = −40°C to +85°C
−20
+20
Output Voltage Temp. Coefficient
TA = −40°C to +85°C
±50
ppm/°C
Line Regulation
VBIAS = 2.4V to 5.0V
LineReg
0.02
0.10
%/V
VIN = VOUT + 0.3 V to 2.4 V
0.02
0.10
Load Regulation
IOUT = 1 mA to 400 mA
LoadReg
30
50
mV
Dropout Voltage
Please refer to following detailed table.
Output Current
IOUT
400
mA
Short Current Limit
VOUT = 0 V
ISC
120
mA
Quiescent Current
IOUT = 0 mA
IQ
28
40
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
3
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
0.8
V
CE Input Voltage “L”
VCEL
0.3
CE Pull Down Current
IPD
1
mA
VIN Under Voltage Lock Out
IOUT = 1 mA
VIN_UVLO
VOUT +
0.05
VOUT +
0.1
V
Power Supply Rejection Ratio
IOUT = 30 mA, f = 1 kHz, VIN Ripple 0.2 VP−P
PSRR
80
dB
IOUT = 30 mA, f = 1 kHz, VBIAS Ripple
0.2 VP−P
50
Output Noise Voltage
VOUT = 0.6 V, IOUT = 30 mA, f = 10 Hz to
100 kHz
VN
70
mVrms
Low Output Nch Tr. On Resistance
D Version only, VBIAS = 3.6 V, VCE = “L“
RLOW
50
W
3. If Input Voltage range is between 5.25 V and 5.50 V, the total operational time must be within 500 hrs.


Similar Part No. - NCP4671DSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671DSN09T1G ONSEMI-NCP4671DSN09T1G Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
More results

Similar Description - NCP4671DSN09T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4671 ONSEMI-NCP4671 Datasheet
1Mb / 23P
   400 mA, Dual Rail Ultra Low Dropout Linear Regulator
February, 2012 ??Rev. 2
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS7A15 TI1-TPS7A15_V01 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
REVISED AUGUST 2023
TPS7A15 TI-TPS7A15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS7A15 400-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
JUNE 2022
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com