Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3671MFX-1.2 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3671MFX-1.2
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MFX-1.2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3671MFX-1.2 Datasheet HTML 5Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 6Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 7Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 8Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 9Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 10Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 11Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 12Page - Texas Instruments LM3671MFX-1.2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
-10
10
30
50
70
90
110
TEMPERATURE (
oC)
100
150
200
250
300
350
400
450
500
550
600
-30
NFET
VIN = 4.5V
PFET
VIN = 2.7V
VIN = 4.5V
VIN = 3.6V
VIN = 3.6V
VIN = 2.7V
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
10
12
14
16
18
20
2.5
TA = 85°C
EN = VIN
IOUT = 0 mA
TA = 25°C
TA = -30°C
-10
10
30
50
70
90
TEMPERATURE (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-30
EN = GND
VIN = 3.6V
VIN = 2.7V
VIN = 5.5V
LM3671
LM3671Q
www.ti.com
SNVS294P – NOVEMBER 2004 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Quiescent Supply Current vs. Supply Voltage
Shutdown Current vs. Temp
Figure 7.
Figure 8.
Feedback Bias Current vs. Temp
Switching Frequency vs. Temperature
Figure 9.
Figure 10.
RDS(ON) vs. Temperature
Open/Closed Loop Current Limit vs. Temperature
Figure 11.
Figure 12.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3671 LM3671Q


Similar Part No. - LM3671MFX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MFX-1.2 NSC-LM3671MFX-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MFX-1.2/NOPB TI1-LM3671MFX-1.2/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671MFX-1.25 NSC-LM3671MFX-1.25 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
More results

Similar Description - LM3671MFX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com