Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CMMX Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC555CMMX
Description  LMC555 CMOS Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CMMX Datasheet(HTML) 4 Page - Texas Instruments

  LMC555CMMX Datasheet HTML 1Page - Texas Instruments LMC555CMMX Datasheet HTML 2Page - Texas Instruments LMC555CMMX Datasheet HTML 3Page - Texas Instruments LMC555CMMX Datasheet HTML 4Page - Texas Instruments LMC555CMMX Datasheet HTML 5Page - Texas Instruments LMC555CMMX Datasheet HTML 6Page - Texas Instruments LMC555CMMX Datasheet HTML 7Page - Texas Instruments LMC555CMMX Datasheet HTML 8Page - Texas Instruments LMC555CMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LMC555
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (2)
Test Circuit, T = 25°C, all switches open, RESET to VS unless otherwise noted
Units
Parameter
Test Conditions
Min
Typ
Max
(Limits)
IS
Supply Current
VS = 1.5V
50
150
VS = 5V
100
250
µA
VS = 12V
150
400
VCTRL
Control Voltage
VS = 1.5V
0.8
1.0
1.2
VS = 5V
2.9
3.3
3.8
V
VS = 12V
7.4
8.0
8.6
VDIS
Discharge Saturation Voltage
VS = 1.5V, IDIS = 1 mA
75
150
mV
VS = 5V, IDIS = 10 mA
150
300
VOL
Output Voltage (Low)
VS = 1.5V, IO = 1 mA
0.2
0.4
VS = 5V, IO = 8 mA
0.3
0.6
V
VS = 12V, IO = 50 mA
1.0
2.0
VOH
Output Voltage
VS = 1.5V, IO = −0.25 mA
1.0
1.25
(High)
VS = 5V, IO = −2 mA
4.4
4.7
V
VS = 12V, IO = −10 mA
10.5
11.3
VTRIG
Trigger Voltage
VS = 1.5V
0.4
0.5
0.6
V
VS = 12V
3.7
4.0
4.3
ITRIG
Trigger Current
VS = 5V
10
pA
VRES
Reset Voltage
VS = 1.5V
(3)
0.4
0.7
1.0
V
VS = 12V
0.4
0.75
1.1
IRES
Reset Current
VS = 5V
10
pA
ITHRESH
Threshold Current
VS = 5V
10
pA
IDIS
Discharge Leakage
VS = 12V
1.0
100
nA
t
Timing Accuracy
SW 2, 4 Closed
VS = 1.5V
0.9
1.1
1.25
ms
VS = 5V
1.0
1.1
1.20
VS = 12V
1.0
1.1
1.25
Δt/ΔVS
Timing Shift with Supply
VS = 5V ± 1V
0.3
%/V
Δt/ΔT
Timing Shift with Temperature
VS = 5V
75
ppm/°C
fA
Astable Frequency
SW 1, 3 Closed, VS = 12V
4.0
4.8
5.6
kHz
fMAX
Maximum Frequency
Max. Freq. Test Circuit, VS = 5V
3.0
MHz
tR, tF
Output Rise and
Max. Freq. Test Circuit
15
ns
Fall Times
VS = 5V, CL = 10 pF
tPD
Trigger Propagation Delay
VS = 5V, Measure Delay
100
ns
from Trigger to Output
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
If the RESET pin is to be used at temperatures of
−20°C and below VS is required to be 2.0V or greater.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC555


Similar Part No. - LMC555CMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CMMX NSC-LMC555CMMX Datasheet
318Kb / 12P
   CMOS Timer
LMC555CMMX NSC-LMC555CMMX Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CMMX TI1-LMC555CMMX Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
LMC555CMMX/NOPB TI1-LMC555CMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
More results

Similar Description - LMC555CMMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com