Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4687DMX18TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4687DMX18TCG
Description  500 mA, High PSRR, LDO Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4687DMX18TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4687DMX18TCG Datasheet HTML 1Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 2Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 3Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 4Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 5Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 6Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 7Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 8Page - ON Semiconductor NCP4687DMX18TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 2
1
Publication Order Number:
NCP4687/D
NCP4687
500 mA, High PSRR, LDO
Linear Voltage Regulator
The NCP4687 is a CMOS 500 mA LDO linear voltage regulator
with high output voltage accuracy which features a high ripple
rejection, low supply current with low dropout and chip enable with
built−in low RDS(on) NMOS transistor for fast output capacitor
discharging as option. The device is composed of the voltage reference
unit, error amplifier, resistor divider for output voltage sensing or
precise output voltage setting. The current limit and thermal shutdown
makes the device very suitable for industrial applications and portable
communication equipments.
Features
Operating Input Voltage Range: 2.5 V to 5.25 V
Output Voltage Range: 0.7 to 3.6 V (available in 0.1 V steps)
±0.8% Output Voltage Accuracy @ Vout > 1.8 V
Output noise : 40 mVrms
Line Regulation: 0.02%/V
Current Limit Circuit
High PSRR: 75 dB at 1 kHz, 70 dB at 10 kHz
Thermal Shutdown
Available in SOT−23−5, SOT−89−5 and uDFN 1.2 x 1.2 mm
Packages
Pb−Free Packages are Available
Typical Applications
Home Appliances, Industrial Equipment
DVB−T and DVB−S Receivers
Car Audio Equipment, Navigation Systems
Notebook Adaptors, LCD TVs, Cordless Phones and Private LAN
Systems
VIN
VOUT
CE
GND
VIN
VOUT
NCP4687x
SENSE
Figure 1. Typical Application Schematic
C1
1.0 mF
C2
1.0 mF
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
SOT89−5
CASE 528AB
XX, XXX= Specific Device Code
MM
= Date Code
MARKING
DIAGRAMS
XDFN6
CASE 711AH
SOT−23−5
CASE 1212
XX
MM
1
XXXMM
1


Similar Part No. - NCP4687DMX18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4687DMX18TCG ONSEMI-NCP4687DMX18TCG Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
More results

Similar Description - NCP4687DMX18TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
   500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
logo
ON Semiconductor
NCP105 ONSEMI-NCP105 Datasheet
1Mb / 16P
   LDO Regulator - High PSRR 150 mA
September, 2019 ??Rev. 1
logo
New Japan Radio
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com