Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49720 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LME49720
Description  LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LME49720 Datasheet(HTML) 1 Page - Texas Instruments

  LME49720 Datasheet HTML 1Page - Texas Instruments LME49720 Datasheet HTML 2Page - Texas Instruments LME49720 Datasheet HTML 3Page - Texas Instruments LME49720 Datasheet HTML 4Page - Texas Instruments LME49720 Datasheet HTML 5Page - Texas Instruments LME49720 Datasheet HTML 6Page - Texas Instruments LME49720 Datasheet HTML 7Page - Texas Instruments LME49720 Datasheet HTML 8Page - Texas Instruments LME49720 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
-
+
LME49720
-
+
-
+
LME49720
-
+
+
+
INPUT
OUTPUT
Note: 1% metal film resistors, 5% polypropylene capacitors
47 k:
3320:
150:
909:
26.1 k:
3.83 k:
100 :
150:
22 nF//4.7 nF//500 pF
3320:
47 nF//33 nF
10 pF
LME49720
www.ti.com
SNAS393C – MARCH 2007 – REVISED APRIL 2013
LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
Check for Samples: LME49720
1
FEATURES
KEY SPECIFICATIONS
2
Easily Drives 600
Ω Loads
Power Supply Voltage Range: ±2.5 to ±17V
Optimized for Superior Audio Signal Fidelity
THD+N (AV = 1, VOUT = 3VRMS, fIN = 1kHz):
Output Short Circuit Protection
RL = 2kΩ: 0.00003% (typ)
PSRR and CMRR Exceed 120dB (typ)
RL = 600Ω: 0.00003% (typ)
SOIC, PDIP, TO-99 Metal Can Packages
Input Noise Density: 2.7nV/
√Hz (typ)
Slew Rate: ±20V/
μs (typ)
APPLICATIONS
Gain Bandwidth Product: 55MHz (typ)
Ultra High Quality Audio Amplification
Open Loop Gain (RL = 600Ω): 140dB (typ)
High Fidelity Preamplifiers
Input Bias Current: 10nA (typ)
High Fidelity Multimedia
Input Offset Voltage: 0.1mV (typ)
State of the Art Phono Pre Amps
DC Gain Linearity Error: 0.000009%
High Performance Professional Audio
DESCRIPTION
High Fidelity Equalization and Crossover
The LME49720 is part of the ultra-low distortion, low
Networks
noise, high slew rate operational amplifier series
High Performance Line Drivers
optimized and fully specified for high performance,
High Performance Line Receivers
high
fidelity
applications.
Combining
advanced
High Fidelity Active Filters
leading-edge process technology with state-of-the-art
circuit design, the LME49720 audio operational
amplifiers deliver superior audio signal amplification
for outstanding audio performance. The LME49720
combines
extremely
low
voltage
noise
density
(2.7nV/
√Hz) with vanishingly low THD+N (0.00003%)
to
easily
satisfy
the
most
demanding
audio
applications.
TYPICAL APPLICATION
Figure 1. Passively Equalized RIAA Phono Preamplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LME49720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49720 TI1-LME49720 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49860 TI1-LME49860_14 Datasheet
1Mb / 40P
[Old version datasheet]   44V Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49725 NSC-LME49725 Datasheet
1Mb / 24P
   PowerWise Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562 Datasheet
1Mb / 41P
[Old version datasheet]   LM4562 Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49725 TI1-LME49725 Datasheet
1Mb / 25P
[Old version datasheet]   PowerWise짰 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com