Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC555CN Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC555CN
Description  LMC555 CMOS Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC555CN Datasheet(HTML) 1 Page - Texas Instruments

  LMC555CN Datasheet HTML 1Page - Texas Instruments LMC555CN Datasheet HTML 2Page - Texas Instruments LMC555CN Datasheet HTML 3Page - Texas Instruments LMC555CN Datasheet HTML 4Page - Texas Instruments LMC555CN Datasheet HTML 5Page - Texas Instruments LMC555CN Datasheet HTML 6Page - Texas Instruments LMC555CN Datasheet HTML 7Page - Texas Instruments LMC555CN Datasheet HTML 8Page - Texas Instruments LMC555CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMC555
www.ti.com
SNAS558J – FEBRUARY 2000 – REVISED MARCH 2013
LMC555 CMOS Timer
Check for Samples: LMC555
1
FEATURES
DESCRIPTION
2
Less than 1 mW Typical Power Dissipation at
The LMC555 is a CMOS version of the industry
5V Supply
standard 555 series general purpose timers. In
3 MHz Astable Frequency Capability
addition to the standard package (SOIC, VSSSOP,
1.5V Supply Operating Voltage Ensured
and PDIP) the LMC555 is also available in a chip
sized package (8 Bump DSBGA) using TI's DSBGA
Output Fully Compatible with TTL and CMOS
package technology. The LMC555 offers the same
Logic at 5V Supply
capability of generating accurate time delays and
Tested to
−10 mA, +50 mA Output Current
frequencies as the LM555 but with much lower power
Levels
dissipation and supply current spikes. When operated
Reduced Supply Current Spikes During Output
as a one-shot, the time delay is precisely controlled
by a single external resistor and capacitor. In the
Transitions
stable mode the oscillation frequency and duty cycle
Extremely Low Reset, Trigger, and Threshold
are accurately set by two external resistors and one
Currents
capacitor. The use of Texas Instruments' LMCMOS
Excellent Temperature Stability
process extends both the frequency range and low
supply capability.
Pin-for-Pin Compatible with 555 Series of
Timers
Available in 8-pin VSSOP Package and 8-Bump
DSBGA package
Pulse Width Modulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC555CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555CN NSC-LMC555CN Datasheet
318Kb / 12P
   CMOS Timer
LMC555CN NSC-LMC555CN Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555CN/NOPB TI1-LMC555CN/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
More results

Similar Description - LMC555CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
   CMOS Timer
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
   CMOS Timer
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
[Old version datasheet]   CMOS Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
   CMOS Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
   CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com