Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34071DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC34071DR2G
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34071DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC34071DR2G Datasheet HTML 4Page - ON Semiconductor MC34071DR2G Datasheet HTML 5Page - ON Semiconductor MC34071DR2G Datasheet HTML 6Page - ON Semiconductor MC34071DR2G Datasheet HTML 7Page - ON Semiconductor MC34071DR2G Datasheet HTML 8Page - ON Semiconductor MC34071DR2G Datasheet HTML 9Page - ON Semiconductor MC34071DR2G Datasheet HTML 10Page - ON Semiconductor MC34071DR2G Datasheet HTML 11Page - ON Semiconductor MC34071DR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
8
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k to
R
VO = -10 V to +10 V
TA = 25°C
Figure 22. Percent Overshoot versus
Load Capacitance
Figure 23. Phase Margin versus
Load Capacitance
Figure 24. Gain Margin versus Load Capacitance
Figure 25. Phase Margin versus Temperature
Figure 26. Gain Margin versus Temperature
Figure 27. Phase Margin and Gain Margin
versus Differential Source Resistance
CL, LOAD CAPACITANCE (pF)
10
100
1.0 k
10 k
VCC = +15 V
VEE = -15 V
RL = 2.0 k
VO = -10 V to +10 V
TA = 25°C
CL, LOAD CAPACITANCE (pF)
10
100
1.0 k
10 k
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k to ∞
VO = -10 V to +10 V
TA = 25°C
CL, LOAD CAPACITANCE (pF)
10
100
1.0 k
10 k
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k to
VO = -10 V to +10 V
CL = 10 pF
CL = 100 pF
CL = 1,000 pF
CL = 10,000 pF
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k to ∞
VO = -10 V to +10 V
CL = 10 pF
CL = 1,000 pF
CL = 100 pF
CL = 10,000 pF
Phase
RT, DIFFERENTIAL SOURCE RESISTANCE (W)
1.0
100
1.0 k
10 k
10
100 k
R1
R2
VO
+
-
VCC = +15 V
VEE = -15 V
RT = R1 + R2
AV = +100
VO = 0 V
TA = 25°C
Gain
100
80
60
40
20
0
70
60
50
40
30
20
10
0
14
12
10
8.0
6.0
2.0
0
4.0
80
60
40
20
0
16
12
8.0
4.0
0
12
10
8.0
6.0
4.0
2.0
0
60
50
40
30
20
10
0
70


Similar Part No. - MC34071DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34071DR2G ONSEMI-MC34071DR2G Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071DR2G ONSEMI-MC34071DR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC34071DR2G ONSEMI-MC34071DR2G Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
MC34071DR2G ONSEMI-MC34071DR2G Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results

Similar Description - MC34071DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com