Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0344 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0344
Description  3 Gbps HD/SD SDI Adaptive Cable Equalizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH0344 Datasheet(HTML) 3 Page - Texas Instruments

  LMH0344 Datasheet HTML 1Page - Texas Instruments LMH0344 Datasheet HTML 2Page - Texas Instruments LMH0344 Datasheet HTML 3Page - Texas Instruments LMH0344 Datasheet HTML 4Page - Texas Instruments LMH0344 Datasheet HTML 5Page - Texas Instruments LMH0344 Datasheet HTML 6Page - Texas Instruments LMH0344 Datasheet HTML 7Page - Texas Instruments LMH0344 Datasheet HTML 8Page - Texas Instruments LMH0344 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LMH0344
www.ti.com
SNLS233L – APRIL 2007 – REVISED APRIL 2013
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1) (2).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
VCMIN
Input Common Mode Voltage
SDI, SDI
1.9
V
VSDI
Input Voltage Swing
At LMH0344 input(3) (4)
720
800
950
mVP−P
VCMOUT
Output Common Mode Voltage
SDO, SDO
VCC
V
VSDO/2
VSDO
Output Voltage Swing
100
Ω load, differential
750
mVP-P
MUTEREF DC Voltage (floating)
MUTEREF
1.3
V
MUTEREF Range
0.6
V
CD Output Voltage
Carrier not present
CD
2.4
V
Carrier present
0.4
V
MUTE Input Voltage
Min to mute outputs
MUTE
2.0
V
Max to force outputs active
0.8
V
ICC
Supply Current
85
100
mA
(1)
Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated
referenced to VEE = 0 Volts.
(2)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(3)
Specification is ensured by characterization.
(4)
This specification is for 0m cable only.
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRMIN
Minimum Input Data Rate
SDI, SDI
125
Mbps
BRMax
Maximum Input Data Rate
2970
Mbps
Jitter for Various Cable Lengths 270 Mbps, Belden 1694A,
0.2
UI
0-400 meters (2)
270 Mbps, Belden 1694A,
0.07
UI
0-400 meters (3)
1.485 Gbps, Belden 1694A,
0.25
UI
0-140 meters (2)
1.485 Gbps, Belden 1694A,
0.08
UI
0-140 meters (3)
2.97 Gbps, Belden 1694A,
0.3
UI
0-120 meters (2)
2.97 Gbps, Belden 1694A,
0.18
UI
0-120 meters (3)
tr,tf
Output Rise Time, Fall Time
20% – 80%(4)
SDO, SDO
60
130
ps
Mismatch in Rise/Fall Time
(4)
2
15
ps
tOS
Output Overshoot
(4)
1
5
%
ROUT
Output Resistance
single-ended
50
RLIN
Input Return Loss
5 MHz - 1.5 GHz(5)
SDI, SDI
15
dB
1.5 GHz - 3.0 GHz(5)
10
dB
RIN
Input Resistance
single-ended
1.3
k
CIN
Input Capacitance
single-ended
1
pF
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Based on characterization data over the full range of recommended operating conditions of the device. Jitter is measured in accordance
with SMPTE RP 184, SMPTE RP 192, and the applicable serial data transmission standard: SMPTE 424M, SMPTE 292M, or SMPTE
259M.
(3)
Measured with Pseudo Matrix Pathological test signal.
(4)
Specification is ensured by characterization.
(5)
Input return loss is dependent on board design. The LMH0344 exceeds this specification on the SD344 evaluation board with a return
loss network consisting of an 8.2 nH inductor in parallel with a 0.5 pF capacitor in parallel with the 75
Ω series resistor on the input.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0344


Similar Part No. - LMH0344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0344 NSC-LMH0344 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com