Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33071PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33071PG
Description  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071PG Datasheet(HTML) 1 Page - ON Semiconductor

  MC33071PG Datasheet HTML 1Page - ON Semiconductor MC33071PG Datasheet HTML 2Page - ON Semiconductor MC33071PG Datasheet HTML 3Page - ON Semiconductor MC33071PG Datasheet HTML 4Page - ON Semiconductor MC33071PG Datasheet HTML 5Page - ON Semiconductor MC33071PG Datasheet HTML 6Page - ON Semiconductor MC33071PG Datasheet HTML 7Page - ON Semiconductor MC33071PG Datasheet HTML 8Page - ON Semiconductor MC33071PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 20
1
Publication Order Number:
MC34071/D
MC34071,2,4,A
MC33071,2,4,A,
NCV33072,4,A
Single Supply 3.0 V to 44 V
Operational Amplifiers
Quality bipolar fabrication with innovative design concepts are
employed for the MC33071/72/74, MC34071/72/74, NCV33072/74A
series of monolithic operational amplifiers. This series of operational
amplifiers offer 4.5 MHz of gain bandwidth product, 13 V/
ms slew rate
and fast settling time without the use of JFET device technology.
Although this series can be operated from split supplies, it is
particularly suited for single supply operation, since the common
mode input voltage range includes ground potential (VEE). With a
Darlington input stage, this series exhibits high input resistance, low
input offset voltage and high gain. The all NPN output stage,
characterized by no deadband crossover distortion and large output
voltage swing, provides high capacitance drive capability, excellent
phase and gain margins, low open loop high frequency output
impedance and symmetrical source/sink AC frequency response.
The MC33071/72/74, MC34071/72/74, NCV33072/74,A series of
devices are available in standard or prime performance (A Suffix)
grades and are specified over the commercial, industrial/vehicular or
military temperature ranges. The complete series of single, dual and
quad operational amplifiers are available in plastic DIP, SOIC, QFN
and TSSOP surface mount packages.
Features
Wide Bandwidth: 4.5 MHz
High Slew Rate: 13 V/ms
Fast Settling Time: 1.1 ms to 0.1%
Wide Single Supply Operation: 3.0 V to 44 V
Wide Input Common Mode Voltage Range: Includes Ground (VEE)
Low Input Offset Voltage: 3.0 mV Maximum (A Suffix)
Large Output Voltage Swing: −14.7 V to +14 V (with ±15 V
Supplies)
Large Capacitance Drive Capability: 0 pF to 10,000 pF
Low Total Harmonic Distortion: 0.02%
Excellent Phase Margin: 60°
Excellent Gain Margin: 12 dB
Output Short Circuit Protection
ESD Diodes/Clamps Provide Input Protection for Dual and Quad
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
PDIP−8
P SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
PDIP−14
P SUFFIX
CASE 646
1
14
SOIC−14
D SUFFIX
CASE 751A
1
14
TSSOP−14
DTB SUFFIX
CASE 948G
1
14
See general marking information in the device marking
section on page 20 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
WQFN10
MT SUFFIX
CASE 510AJ


Similar Part No. - MC33071PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33071PG ONSEMI-MC33071PG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071PG ONSEMI-MC33071PG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071PG ONSEMI-MC33071PG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

Similar Description - MC33071PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com