Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34064D-5R2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC34064D-5R2
Description  Undervoltage Sensing Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34064D-5R2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC34064D-5R2 Datasheet HTML 3Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 4Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 5Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 6Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 7Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 8Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 9Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 10Page - ON Semiconductor MC34064D-5R2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC34064, MC33064, NCV33064
http://onsemi.com
11
PACKAGE DIMENSIONS
TO−92 (TO−226)
P SUFFIX
CASE 29−11
ISSUE AM
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X−X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
---
12.70
---
L
0.250
---
6.35
---
N
0.080
0.105
2.04
2.66
P
---
0.100
---
2.54
R
0.115
---
2.93
---
V
0.135
---
3.43
---
1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. CONTOUR OF PACKAGE BEYOND
DIMENSION R IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P
AND BEYOND DIMENSION K MINIMUM.
R
A
P
J
B
K
G
SECTION X−X
C
V
D
N
XX
SEATING
PLANE
DIM
MIN
MAX
MILLIMETERS
A
4.45
5.20
B
4.32
5.33
C
3.18
4.19
D
0.40
0.54
G
2.40
2.80
J
0.39
0.50
K
12.70
---
N
2.04
2.66
P
1.50
4.00
R
2.93
---
V
3.43
---
1
T
STRAIGHT LEAD
BULK PACK
BENT LEAD
TAPE & REEL
AMMO PACK
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
MC34064/D
Micro8 is a trademark of International Rectifier.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC34064D-5R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064D-5R2 ONSEMI-MC34064D-5R2 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC34064D-5R2G ONSEMI-MC34064D-5R2G Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC34064D-5R2G ONSEMI-MC34064D-5R2G Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

Similar Description - MC34064D-5R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com