Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC2-D95 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC2-D95
Description  CONTACTORS / REVERSING CONTACTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LC2-D95 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC2-D95 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC2-D95 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LC1/LC2 - D40 D50 D65 D80 D95
4
Encombrements/Bobines
DIMENSIONS/COILS
ABMESSUNGEN/SPULEN
LC1-D40/50/65/80/95
(mm) a
LC1D40…65
LC1D80…95
LC2D40…65
LC2D80…95
3P
c a
75
85
165
182
LC2-D40/50/65/80/95
DIMENSIONI D'INCOMBRO/BOBINE
DIMENSIONES/BOBINAS
ATRAVANCAMENTOS/BOBINAS
A1
A1
A2
A2
LA9 D511
LXiD
LXiD
BTR N
° 3
LX1
c
LX4
a
c : 0,7 daNm
c : 0,7 daNm
40
3 x
∅6,5
∅6,5
s
a
12,5
12,5
=
=
6 x
∅6,5
∅6,5
s
40
G
a
12,5
=
40
12,5
=
G1
==
c
c4
c3
c1 (1)
c5 (LA6-DK)
c2* (2)
(mm)
c LCiD40…65
c LCiD80…95
a LC1D40…65
a LC1D80…95
c
114
125
171
181
c4
116
127
173
183
3P
c1
146
153
202
210
c5
157
165
213
221
c2
165
176
221
229
(mm)
LC2D40…65
LC2D80…95
e1
5
13
c3
142
158
G
50
57
3P
* + 4 mm (LA9 D901)
(mm) 1 inch = 25,4 mm
G1
90
96
LA8 DN
LAD 8N
(1):LADN LADC LA1D
(2):LADR LADT LADS LA2D LA3D


Similar Part No. - LC2-D95

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LC2-11-B MSYSTEM-LC2-11-B Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
LC2-11-B/E MSYSTEM-LC2-11-B/E Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
LC2-11-B/K MSYSTEM-LC2-11-B/K Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
LC2-11-B/Q MSYSTEM-LC2-11-B/Q Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
LC2-11-C MSYSTEM-LC2-11-C Datasheet
110Kb / 3P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - LC2-D95

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100S-D ALLEN-BRADLEY-100S-D Datasheet
86Kb / 8P
   Safety Contactors
logo
Zhejiang DongYa Electro...
BZJ-200A DONGYA-BZJ-200A Datasheet
207Kb / 1P
   NC Contactors
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
logo
Zhejiang DongYa Electro...
ZLJM-300C DONGYA-ZLJM-300C Datasheet
301Kb / 1P
   Latch contactors
ZLJM-400C DONGYA-ZLJM-400C Datasheet
319Kb / 1P
   Latch contactors
BZJ-400A DONGYA-BZJ-400A Datasheet
207Kb / 1P
   NC Contactors
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
Allen-Bradley
100S-C ALLEN-BRADLEY-100S-C Datasheet
29Kb / 1P
   Safety Contactors
logo
Zhejiang DongYa Electro...
ZLJM-250C DONGYA-ZLJM-250C Datasheet
305Kb / 1P
   Latch contactors
logo
GREEGOO Electric Co.,Lt...
GVC6-400 GREEGOO-GVC6-400 Datasheet
215Kb / 2P
   Vacuum Contactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com