Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZMMBZ15VDLT3G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SZMMBZ15VDLT3G
Description  40 Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZMMBZ15VDLT3G Datasheet(HTML) 1 Page - ON Semiconductor

  SZMMBZ15VDLT3G Datasheet HTML 1Page - ON Semiconductor SZMMBZ15VDLT3G Datasheet HTML 2Page - ON Semiconductor SZMMBZ15VDLT3G Datasheet HTML 3Page - ON Semiconductor SZMMBZ15VDLT3G Datasheet HTML 4Page - ON Semiconductor SZMMBZ15VDLT3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 12
1
Publication Order Number:
MMBZ15VDLT1/D
MMBZ15VDLT1G,
MMBZ27VCLT1G,
SZMMBZ15VDLT1G,
SZMMBZ27VCLT1G
40 Watt Peak Power
Zener Transient Voltage
Suppressors
SOT−23 Dual Common Cathode Zeners
for ESD Protection
These dual monolithic silicon zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
cathode design protects two separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
The MMBZ27VCLT1G/SZMMBZ27VCLT1G can be used to
protect a single wire communication network form EMI and ESD
transient surge voltages.
The MMBZ27VCLT1G/SZMMBZ27VCLT1G is recommended by
the Society of Automotive Engineers (SAE), February 2000, J2411
“Single Wire Can Network for Vehicle Applications” specification as
a solution for transient voltage problems.
Specification Features:
SOT−23 Package Allows Either Two Separate Unidirectional
Configurations or a Single Bidirectional Configuration
Working Peak Reverse Voltage Range − 12.8 V, 22 V
Standard Zener Breakdown Voltage Range − 15 V, 27 V
Peak Power − 40 W @ 1.0 ms (Bidirectional),
per Figure 5 Waveform
ESD Rating of Class 3B (exceeding 16 kV) per the Human
Body Model
Low Leakage < 100 nA
Flammability Rating: UL 94 V−O
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
Pb−Free Packages are Available*
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOT−23
CASE 318
STYLE 9
ANODE 1
3 CATHODE
ANODE 2
Device
Package
Shipping
ORDERING INFORMATION
MARKING DIAGRAM
XXX = 15D or 27C
M
= Date Code
G
= Pb−Free Package
1
XXX MG
G
MMBZ15VDLT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MMBZ15VDLT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
MMBZ27VCLT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SZMMBZ15VDLT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SZMMBZ15VDLT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
SZMMBZ27VCLT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
(Note: Microdot may be in either location)


Similar Part No. - SZMMBZ15VDLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMBZ15VDLT3G ONSEMI-SZMMBZ15VDLT3G Datasheet
136Kb / 6P
   Zener Diodes, 40 Watt Peak Power
August, 2018 ??Rev. 17
More results

Similar Description - SZMMBZ15VDLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G_12 Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ15VDLT1G ONSEMI-MMBZ15VDLT1G Datasheet
97Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
October, 2016 ??Rev. 16
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com