Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2335 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMX2335
Description  PLLatinum Dual Frequency Synthesizer for RF Personal Communications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2335 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2335 Datasheet HTML 7Page - Texas Instruments LMX2335 Datasheet HTML 8Page - Texas Instruments LMX2335 Datasheet HTML 9Page - Texas Instruments LMX2335 Datasheet HTML 10Page - Texas Instruments LMX2335 Datasheet HTML 11Page - Texas Instruments LMX2335 Datasheet HTML 12Page - Texas Instruments LMX2335 Datasheet HTML 13Page - Texas Instruments LMX2335 Datasheet HTML 14Page - Texas Instruments LMX2335 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Functional Description (Continued)
TABLE 1. Programmable Modes
C1
C2
R16
R17
R18
R19
R20
0
0
RF2 Phase
Detector Polarity
RF2 I
CPo
RF2 D
o
TRI-STATE
RF2 LD
RF2 F
o
0
1
RF1 Phase
Detector Polarity
RF1 I
CPO
RF1 D
o
TRI-STATE
RF1 LD
RF1 F
o
C1
C2
N19
N20
10
RF2
Prescaler
Pwdn
RF2
11
RF1
Prescaler
Pwdn
RF1
TABLE 2. Mode Select Truth Table
Phase Detector Polarity
(Note 7)
D
oTRI-STATE
I
CPo
(Note 5)
RF1
Prescaler
RF2
Prescaler
Pwdn
(Note 6)
0
Negative
Normal Operation
LOW
64/65
64/65
pwrd up
1
Positive
TRI-STATE
HIGH
128/129
128/129
pwrd dn
Note 5: The ICPo LOW current state = 1/4 x ICPo HIGH current.
Note 6: Activation of the RF2 PLL or RF1 PLL powerdown modes result in the disabling of the respective N counter divider and debiasing of its respective fIN inputs
(to a high impedance state). The powerdown function is gated by the charge pump to prevent unwanted frequency jumps. Once the powerdown program mode is
loaded, the part will go into powerdown mode when the charge pump reaches a TRI-STATE condition. The R counter and Oscillator functionality does not become
disabled until
both RF2 and RF1 powerdown bits are activated. The OSCin is connected to VCC through 100 kΩ resistor and the OSCout goes HIGH when this con-
dition exists. The MICROWIRE control register remains active and capable of loading and latching data during all of the powerdown modes.
Note 7: PHASE DETECTOR POLARITY
Depending upon VCO characteristics, the R16 bits should be set accordingly:
When VCO characteristics are positive like (1), R16 should be set HIGH;
When VCO characteristics are negative like (2), R16 should be set LOW.
Note 8:
TABLE 3. The F
oLD Output Truth Table
RF1 R[19]
(RF1 LD)
RF2 R[19]
(RF2 LD)
RF1 R[20]
(RF1 F
o)
RF2 R[20]
(RF2 F
o)
F
oLD
Output State
0000
Disabled (Note 9)
0100
RF2 Lock Detect (Note 10)
1000
RF1 Lock Detect (Note 10)
1100
RF1/RF2 Lock Detect (Note 10)
X
0
0
1
RF2 Reference Divider Output
X
0
1
0
RF1 Reference Divider Output
X
1
0
1
RF2 Programmable Divider Output
X
1
1
0
RF1 Programmable Divider Output
0011
Fastlock (Note 11)
0111
For Internal use only
1011
For Internal use only
1111
Counter Reset (Note 12)
X — don’t care condition
VCO Characteristics
DS012332-7
www.national.com
10


Similar Part No. - LMX2335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LM NSC-LMX2335LM Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335LSLB NSC-LMX2335LSLB Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335M NSC-LMX2335M Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
   PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com