Selected language     English  â–¼


M-80 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. M-80
Description  4AA MIDI TORCH
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
The high-output ATEX approved
Wolf M-80 4AA Midi LED Safety
Torch is a compact pocket torch
using a high power LED light source,
ATEX approved for safe use in
potentially explosive atmospheres,
delivering excellent illumination,
robustness and reliability in the
most extreme conditions.
The M-80 Midi Torch complies with
the 94/9/EC ATEX ‘Equipment’
Directive and is certified to the IECEx
Certification Scheme for use in Zone
1 and 2 potentially explosive gas,
vapour and mist atmospheres.
The Midi Torch is rated with a
-20°C to +40°C temperature
ambient where a IIB gas group
and T3 or T4 temperature class
permits. Additionally, this Torch
is approved for use in Group I M2
mining applications.
The Wolf 4AA Midi Torch consists of
a smooth, easy grip, ergonomic
enclosure with a high output LED
light source giving up to 120 lumens
of light output and bespoke optics
designed to deliver a narrow high
intensity beam and, at the same
time, a lower output wide angle
fringe light, ideal for inspection and
maintenance work in conditions of
darkness or reduced visibility.
The single handed push button
switch operation incorporates a
rubberised switch cover with raised
surface for easy switching even with
gloved hands, whilst being shrouded
to avoid inadvertent operation.
The strong and durable high
strength torch body enclosure
is manufactured from carefully
selected thermoplastic resins
with excellent chemical resistant
properties, and has proven impact
resistance even at sub zero
temperatures.
The rubber armoured lens ring gives
enhanced grip and shock protection
with a high strength, shatterproof,
polycarbonate lens providing
excellent resistance to impact
damage. The 4AA Midi Torch is
sealed dust tight and protected
from water immersion with an
IP67 rated enclosure.
The straight body configuration
incorporates an anti-roll foot allowing
the torch to be placed securely on
its base or end without the risk of
rolling away.
The M-80 4AA Safety Torch has a
battery duration of up to 7 hours,
after which it is recommended that
the user replace the cells to avoid
the risk of battery leakage.
The high power LED light source
is ‘fitted for life’ and expected to
last the product lifetime.
The 4AA Midi Safety Torch’s internal
construction incorporates a one
piece assembly with LED, circuit,
switch and battery cassette,
arranged to allow for easy
replacement of the 4AA alkaline
primary cells. Details of the specific
approved AA cells for use in T4 gas
atmospheres can be found in the
instruction manual; all other
AA alkaline primary cell types
allowable for use in maximum
T3 rated zone 1 areas. All models
are supplied with a wrist strap and
T4 approved cells.
WOLF SAFETY LAMP COMPANY
Saxon Road Works, Sheffield S8 0YA, England
Tel: +44 114 255 1051
Fax: +44 114 255 7988
E-mail: info@wolf-safety.co.uk
Website: www.wolf-safety.co.uk
SL036 issue 01
Note: All information has been gathered under laboratory conditions, the user must regard the values given as approximate.
The Company reserves the right to alter product specifications without prior notice.
Wolf 4AA Midi Torch
Technical Specification
Model
M-80
Description
ATEX Midi Safety Torch with LED, Primary Cell Powered
Code
Industrial
II 2 G Ex ib IIB T3/T4 Gb IP67
Mining
I M2 Ex ib I Mb IP67
Type of protection
‘ib’ Intrinsic Safety
Area of classification (gas)
Zones 1 & 2, Gas Groups IIA, IIB
Temperature classification (gas)
T3/T4
Ambient temperature (gas)
-20°C to +40°C
Certificate
Baseefa11ATEX0236
IECEx BAS 11.0116
Enclosure
Impact resistant thermoplastic, electrostatic non-hazardous
Lens
Polycarbonate, impact resistant
Beam type
Narrow spot with wide angle fringe light
Light source
Type
High power LED
Output
Up to 120 lm
Life
25,000+ hours (fitted for life)
Power Source
Part No.
TP-295 (4 x LR6 Cells)
Battery type
LR6 primary cells to IEC60086, Alkaline AA
Volts
4 x 1.5v
Light duration
Up to 7 hours
Ingress protection
IP67
Weight (incl. cells)
0.190 kg




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl