Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3876-ADJ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3876-ADJ
Description  LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3876-ADJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3876-ADJ Datasheet HTML 3Page - Texas Instruments LP3876-ADJ Datasheet HTML 4Page - Texas Instruments LP3876-ADJ Datasheet HTML 5Page - Texas Instruments LP3876-ADJ Datasheet HTML 6Page - Texas Instruments LP3876-ADJ Datasheet HTML 7Page - Texas Instruments LP3876-ADJ Datasheet HTML 8Page - Texas Instruments LP3876-ADJ Datasheet HTML 9Page - Texas Instruments LP3876-ADJ Datasheet HTML 10Page - Texas Instruments LP3876-ADJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (50Ps/DIV)
VOUT
100mV/DIV
ILOAD
3A/DIV
TIME (50Ps/DIV)
LP3876-ADJ
www.ti.com
SNVS245C – SEPTEMBER 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10µF, CIN = 10µF, S/D pin is tied to VIN, VOUT = 2.5V, VIN = VO(NOM) + 1.5V, IL =
10mA
Load Transient Response CIN = COUT = 100µF, TANTALUM
Load Transient Response CIN = COUT = 10µF, OSCON
Figure 15.
Figure 16.
Load Transient Response CIN = COUT = 100µF, OSCON
Load Transient Response CIN = COUT = 100µF, POSCAP
Figure 17.
Figure 18.
Load Transient Response CIN = COUT = 10µF, TANTALUM
Load Transient Response CIN = COUT = 100µF, TANTALUM
Figure 19.
Figure 20.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3876-ADJ


Similar Part No. - LP3876-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
More results

Similar Description - LP3876-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulator
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast Response Ultra-Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com