Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3876ES-ADJ Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3876ES-ADJ
Description  LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3876ES-ADJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3876ES-ADJ Datasheet HTML 4Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 5Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 6Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 7Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 8Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 9Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 10Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 11Page - Texas Instruments LP3876ES-ADJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LOAD CURRENT (A)
STABLE REGION
COUT > 10PF
0
1
2
3
.001
.01
0.1
1.0
10
LP3876-ADJ
SNVS245C – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
Application Hints
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the resistors R1 and R2 (see Typical Application Circuit). The output is also
dependent on the reference voltage (typically 1.216V) which is measured at the ADJ pin. The output voltage is
given by the equation:
VOUT = VADJ x ( 1 + R1 / R2)
(1)
This equation does not include errors due to the bias current flowing in the ADJ pin which is typically about 10
nA. This error term is negligible for most applications. If R1 is > 100k
Ω , a small error may be introduced by the
ADJ bias current.
The tolerance of the external resistors used contributes a significant error to the output voltage accuracy, with 1%
resistors typically adding a total error of approximately 1.4% to the output voltage (this error is in addition to the
tolerance of the reference voltage at VADJ).
TURN-ON CHARACTERISTICS FOR OUTPUT VOLTAGES PROGRAMMED TO 2.0V OR BELOW
As Vin increases during start-up, the regulator output will track the input until Vin reaches the minimum operating
voltage (typically about 2.2V). For output voltages programmed to 2.0V or below, the regulator output may
momentarily exceed its programmed output voltage during start up. Outputs programmed to voltages above 2.0V
are not affected by this behavior.
EXTERNAL CAPACITORS
Like any low-dropout regulator, external capacitors are required to assure stability. these capacitors must be
correctly selected for proper performance.
INPUT CAPACITOR: An input capacitor of at least 1µF is required. Ceramic or Tantalum may be used, and
capacitance may be increased without limit
OUTPUT CAPACITOR: An output capacitor is required for loop stability. It must be located less than 1 cm from
the device and connected directly to the output and ground pins using traces which have no other currents
flowing through them (see PCB Layout section).
The minimum value of the output capacitance that can be used for stable full-load operation is 10 µF, but it may
be increased without limit. The output capacitor must have an ESR value as shown in the stable region of the
curve (below).
Figure 21. ESR Curve
CFF (Feed Forward Capacitor)
The capacitor CFF is required to add phase lead and help improve loop compensation. The correct amount of
capacitance depends on the value selected for R1 (see TYPICAL APPLICATION CIRCUIT). The capacitor
should be selected such that the zero frequency as given by the equation shown below is approximately 45 kHz:
Fz = 45,000 = 1 / ( 2 x
π x R1 x CFF )
(2)
A good quality ceramic with X5R or X7R dielectric should be used for this capacitor.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3876-ADJ


Similar Part No. - LP3876ES-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3876ES-ADJ NSC-LP3876ES-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
More results

Similar Description - LP3876ES-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3876-ADJ TI-LP3876-ADJ_15 Datasheet
981Kb / 19P
[Old version datasheet]   LP3876-ADJ 3A Fast Ultra Low Dropout Linear Regulator
logo
National Semiconductor ...
LP3876-ADJ NSC-LP3876-ADJ Datasheet
303Kb / 14P
   3A Fast Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38501TJ-ADJ TI-LP38501TJ-ADJ Datasheet
383Kb / 18P
[Old version datasheet]   LP38501/3-ADJ, LP38501A/3A-ADJ 3A FlexCap Low Dropout Linear Regulator
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulator
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast Response Ultra-Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com